| Electronic Components Datasheet Search |
|
DSPIC33FJ12MC202TESS Datasheet(PDF) 293 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ12MC202TESS Datasheet(HTML) 293 Page - Microchip Technology |
|
293 / 304 page ![]() © 2007-2011 Microchip Technology Inc. DS70265E-page 293 dsPIC33FJ12MC201/202 Revision D (June 2009) This revision includes minor typographical and formatting changes throughout the data sheet text. Global changes include: • Changed all instances of OSCI to OSC1 and OSCO to OSC2 • Changed all instances of PGCx/EMUCx and PGDx/EMUDx (where x = 1, 2, or 3) to PGECx and PGEDx Changed all instances of VDDCORE and VDDCORE/VCAP to VCAP/VDDCORE All other major changes are referenced by their respective section in the following table. Section 24.0 “Packaging Information” Added 28-lead SSOP package marking information. “Product Identification System” Added Plastic Shrink Small Outline (SSOP) package information. TABLE 25-1: MAJOR SECTION UPDATES Section Name Update Description TABLE 25-2: MAJOR SECTION UPDATES Section Name Update Description “High-Performance, 16-bit Digital Signal Controllers” Added Note 2 to the 28-Pin QFN-S and 44-Pin QFN pin diagrams, which references pin connections to VSS. Section 2.0 “Guidelines for Getting Started with 16-bit Digital Signal Controllers” Added new section to the data sheet that provides guidelines on getting started with 16-bit Digital Signal Controllers. Section 8.0 “Oscillator Configuration” Updated the Oscillator System Diagram (see Figure 8-1). Added Note 1 to the Oscillator Tuning (OSCTUN) register (see Register 8-4). Section 10.0 “I/O Ports” Removed Table 10-1 and added reference to pin diagrams for I/O pin availability and functionality. Section 17.0 “Serial Peripheral Interface (SPI)” Added Note 2 to the SPIx Control Register 1 (see Register 17-2). Section 19.0 “Universal Asynchronous Receiver Transmitter (UART)” Updated the UTXINV bit settings in the UxSTA register and added Note 1 (see Register 19-2). Section 24.0 “Electrical Characteristics” Updated the Min value for parameter DC12 (RAM Retention Voltage) and added Note 4 to the DC Temperature and Voltage Specifications (see Table 24-4). Updated the Min value for parameter DI35 (see Table 24-20). Updated AD08 and added reference to Note 2 for parameters AD05a, AD06a, and AD08a (see Table 24-38). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |