Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1825T-ESS Datasheet(PDF) 355 Page - Microchip Technology

Part # PIC16F1825T-ESS
Description  14/20-Pin Flash Microcontrollers with XLP Technology
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1825T-ESS Datasheet(HTML) 355 Page - Microchip Technology

Back Button PIC16F1825T-ESS Datasheet HTML 351Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 352Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 353Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 354Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 355Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 356Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 357Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 358Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 359Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 448 page
background image
 2010-2012 Microchip Technology Inc.
DS41440C-page 355
PIC16(L)F1825/1829
30.3
DC Characteristics: PIC16(L)F1825/1829-I/E (Power-Down)
PIC16LF1825/1829
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC16F1825/1829
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device Characteristics
Min.
Typ†
Max.
+85°C
Max.
+125°C
Units
Conditions
VDD
Note
Power-down Base Current (IPD)(2)
D022
—
0.02
1.0
2.7
A
1.8
WDT, BOR, FVR, and T1OSC
disabled, all Peripherals Inactive
—
0.05
1.75
3.3
A3.0
D022
—
17.8
37
44
A
1.8
WDT, BOR, FVR, and T1OSC
disabled, all Peripherals Inactive
—
20.5
42
48
A
3.0
—
21.7
45
65
A
5.0
D023
—
0.3
1.5
3.0
A
1.8
LPWDT Current (Note 1)
—
0.5
2.0
3.7
A3.0
D023
—
18
38
44
A
1.8
LPWDT Current (Note 1)
—
20.9
43
48
A
3.0
—
22.1
48
65
A
5.0
D023A
—
12.6
22
25
A
1.8
FVR current (Note 1)
—
12.8
24
27
A3.0
D023A
—
32.7
62
65
A
1.8
FVR current (Note 1)
—
39
72
75
A
3.0
—
69
115
120
A
5.0
D024
—
7
14
16
A
3.0
BOR Current (Note 1)
D024
—
24
47
50
A
3.0
BOR Current (Note 1)
—
27
55
70
A
5.0
D025
—
0.65
4.5
5
A
1.8
T1OSC Current (Note 1)
—
1.3
5
5.5
A3.0
D025
—
19
39
45
A
1.8
T1OSC Current (Note 1)
—
21.6
42
65
A
3.0
—
23
47
52
A
5.0
D026
—
0.05
1.5
3.0
A
1.8
A/D Current (Note 1, 3), no
conversion in progress
—
0.07
2.0
3.5
A3.0
D026
—
17.8
38
45
A
1.8
A/D Current (Note 1, 3), no
conversion in progress
—
21
45
50
A
3.0
—
22
50
65
A
5.0
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this peripheral is
enabled. The peripheral
 current can be determined by subtracting the base IDD or IPD current from this limit. Max
values should be used when calculating total current consumption.
2:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD.
3:
A/D oscillator source is FRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com