Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S12SPIV2D Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # S12SPIV2D
Description  MC9S12DJ64 Device User GUide V01.17
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12SPIV2D Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button S12SPIV2D Datasheet HTML 48Page - Freescale Semiconductor, Inc S12SPIV2D Datasheet HTML 49Page - Freescale Semiconductor, Inc S12SPIV2D Datasheet HTML 50Page - Freescale Semiconductor, Inc S12SPIV2D Datasheet HTML 51Page - Freescale Semiconductor, Inc S12SPIV2D Datasheet HTML 52Page - Freescale Semiconductor, Inc S12SPIV2D Datasheet HTML 53Page - Freescale Semiconductor, Inc S12SPIV2D Datasheet HTML 54Page - Freescale Semiconductor, Inc S12SPIV2D Datasheet HTML 55Page - Freescale Semiconductor, Inc S12SPIV2D Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 126 page
background image
MC9S12DJ64 Device User Guide — V01.17
52
Table 2-1 Signal Properties
Pin Name
Function1
Pin Name
Function2
Pin Name
Function3
Pin Name
Function4
Powered
by
Internal Pull
Resistor
Description
CTRL
Reset
State
EXTAL
VDDPLL
None
None
Oscillator Pins
XTAL
RESET
VDDR
External Reset
TEST
N.A.
Test Input
VREGEN
VDDX
Voltage Regulator Enable Input
XFC
VDDPLL
PLL Loop Filter
BKGD
TAGHI
MODC
VDDR
Always
Up
Up
Background Debug, Tag High, Mode
Input
PAD15
AN15
ETRIG1
VDDA
None
None
Port AD Input, Analog Input AN7 of
ATD1, External Trigger Input of
ATD1
PAD[14:08]
AN[14:08]
Port AD Inputs, Analog Inputs
AN[6:0] of ATD1
PAD07
AN07
ETRIG0
Port AD Input, Analog Input AN7 of
ATD0, External Trigger Input of ATD0
PAD[06:00]
AN[06:00]
Port AD Inputs, Analog Inputs AN[6:0]
of ATD0
PA[7:0]
ADDR[15:8]/
DATA[15:8]
——
VDDR
PUCR/
PUPAE
Disabled
Port A I/O, Multiplexed Address/Data
PB[7:0]
ADDR[7:0]/
DATA[7:0]
——
PUCR/
PUPBE
Port B I/O, Multiplexed Address/Data
PE7
NOACC
XCLKS
PUCR/
PUPEE
Mode
depen-
dant1
Port E I/O, Access, Clock Select
PE6
IPIPE1
MODB
While RESET pin is
low:
Down
Port E I/O, Pipe Status, Mode Input
PE5
IPIPE0
MODA
Port E I/O, Pipe Status, Mode Input
PE4
ECLK
PUCR/
PUPEE
Mode
depen-
dant1
Port E I/O, Bus Clock Output
PE3
LSTRB
TAGLO
Port E I/O, Byte Strobe, Tag Low
PE2
R/W
Port E I/O, R/W in expanded modes
PE1
IRQ
Up
Port E Input, Maskable Interrupt
PE0
XIRQ
Port E Input, Non Maskable Interrupt
PH7
KWH7
——
PERH/
PPSH
Disabled
Port H I/O, Interrupt
PH6
KWH6
——
Port H I/O, Interrupt
PH5
KWH5
——
Port H I/O, Interrupt
PH4
KWH4
——
Port H I/O, Interrupt
PH3
KWH3
——
Port H I/O, Interrupt
PH2
KWH2
——
Port H I/O, Interrupt
PH1
KWH1
——
Port H I/O, Interrupt
PH0
KWH0
——
Port H I/O, Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com