| Electronic Components Datasheet Search |
|
DSPIC30F2020AT-30EMM Datasheet(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2020AT-30EMM Datasheet(HTML) 20 Page - Microchip Technology |
|
20 / 286 page ![]() dsPIC30F1010/202X DS70178C-page 18 Preliminary © 2006 Microchip Technology Inc. PGD PGC PGD1 PGC1 PGD2 PGC2 I/O I I/O I I/O I ST ST ST ST ST ST In-Circuit Serial Programming™ data input/output pin. In-Circuit Serial Programming clock input pin. In-Circuit Serial Programming data input/output pin 1. In-Circuit Serial Programming clock input pin 1. In-Circuit Serial Programming data input/output pin 2. In-Circuit Serial Programming clock input pin 2. RA8-RA11 I/O ST PORTA is a bidirectional I/O port. RB0-RB11 I/O ST PORTB is a bidirectional I/O port. RD0,RD1 I/O ST PORTD is a bidirectional I/O port. RE0-RE7 I/O ST PORTE is a bidirectional I/O port. RF2, RF3, RF6-RF8, RF14, RF15 I/O ST PORTF is a bidirectional I/O port. RG2, RG3 I/O ST PORTG is a bidirectional I/O port. SCK1 SDI1 SDO1 SS1 I/O I O I ST ST — ST Synchronous serial clock input/output for SPI #1. SPI #1 Data In. SPI #1 Data Out. SPI #1 Slave Synchronization. SCL SDA I/O I/O ST ST Synchronous serial clock input/output for I2C. Synchronous serial data input/output for I2C. T1CK T2CK I I ST ST Timer1 external clock input. Timer2 external clock input. U1RX U1TX U1ARX U1ATX I O I O ST — ST — UART1 Receive. UART1 Transmit. Alternate UART1 Receive. Alternate UART1 Transmit CMP1A CMP1B CMP1C CMP1D CMP2A CMP2B CMP2C CMP2D CMP3A CMP3B CMP3C CMP3D CMP4A CMP4B CMP4C CMP4D I I I I I I I I I I I I I I I I Analog Analog Analog Analog Analog Analog Analog Analog Analog Analog Analog Analog Analog Analog Analog Analog Comparator 1 Channel A Comparator 1 Channel B Comparator 1 Channel C Comparator 1 Channel D Comparator 2 Channel A Comparator 2 Channel B Comparator 2 Channel C Comparator 2 Channel D Comparator 3 Channel A Comparator 3 Channel B Comparator 3 Channel C Comparator 3 Channel D Comparator 4 Channel A Comparator 4 Channel B Comparator 4 Channel C Comparator 4 Channel D CN0-CN7 I ST Input Change notification inputs Can be software programmed for internal weak pull-ups on all inputs. VDD P — Positive supply for logic and I/O pins. VSS P — Ground reference for logic and I/O pins. EXTREF I Analog External reference to Comparator DAC TABLE 1-3: PINOUT I/O DESCRIPTIONS FOR dsPIC30F2023 (CONTINUED) Pin Name Pin Type Buffer Type Description Legend: CMOS = CMOS compatible input or output Analog = Analog input ST = Schmitt Trigger input with CMOS levels O = Output I = Input P = Power |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |