Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2020AT-30EMM Datasheet(PDF) 63 Page - Microchip Technology

Part # DSPIC30F2020AT-30EMM
Description  28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2020AT-30EMM Datasheet(HTML) 63 Page - Microchip Technology

Back Button DSPIC30F2020AT-30EMM Datasheet HTML 59Page - Microchip Technology DSPIC30F2020AT-30EMM Datasheet HTML 60Page - Microchip Technology DSPIC30F2020AT-30EMM Datasheet HTML 61Page - Microchip Technology DSPIC30F2020AT-30EMM Datasheet HTML 62Page - Microchip Technology DSPIC30F2020AT-30EMM Datasheet HTML 63Page - Microchip Technology DSPIC30F2020AT-30EMM Datasheet HTML 64Page - Microchip Technology DSPIC30F2020AT-30EMM Datasheet HTML 65Page - Microchip Technology DSPIC30F2020AT-30EMM Datasheet HTML 66Page - Microchip Technology DSPIC30F2020AT-30EMM Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 286 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70178C-page 61
dsPIC30F1010/202X
REGISTER 5-7:
IEC1: INTERRUPT ENABLE CONTROL REGISTER 1
R/W-0
R/W-0
R/W-0
U-0
R/W-0
U-0
U-0
U-0
AC3IE
AC2IE
AC1IE
—
CNIE
—
—
—
bit 15
bit 8
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
PWM4IE
PWM3IE
PWM2IE
PWM1IE
PSEMIE
INT2IE
INT1IE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
AC3IE: Analog Comparator #3 Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 14
AC2IE: Analog Comparator #2 Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 13
AC1IE: Analog Comparator #1 Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 12
Unimplemented: Read as ‘0’
bit 11
CNIE: Input Change Notification Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 10-7
Unimplemented: Read as ‘0’
bit 6
PWM4IE: Pulse Width Modulation Generator #4 Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 5
PWM3IE: Pulse Width Modulation Generator #3 Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 4
PWM2IE: Pulse Width Modulation Generator #2 Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 3
PWM1IE: Pulse Width Modulation Generator #1 Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 2
PSEMIE: PWM Special Event Match Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 1
INT2IE: External Interrupt 2 Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 0
INT1IE: External Interrupt 1 Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com