Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC304EMM Datasheet(PDF) 44 Page - Microchip Technology

Part # DSPIC33FJMC304EMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304EMM Datasheet(HTML) 44 Page - Microchip Technology

Back Button DSPIC33FJMC304EMM Datasheet HTML 40Page - Microchip Technology DSPIC33FJMC304EMM Datasheet HTML 41Page - Microchip Technology DSPIC33FJMC304EMM Datasheet HTML 42Page - Microchip Technology DSPIC33FJMC304EMM Datasheet HTML 43Page - Microchip Technology DSPIC33FJMC304EMM Datasheet HTML 44Page - Microchip Technology DSPIC33FJMC304EMM Datasheet HTML 45Page - Microchip Technology DSPIC33FJMC304EMM Datasheet HTML 46Page - Microchip Technology DSPIC33FJMC304EMM Datasheet HTML 47Page - Microchip Technology DSPIC33FJMC304EMM Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 330 page
background image
TABLE 4-21:
PORTB REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All Resets
TRISB
02C8
TRISB15
TRISB14
TRISB13
TRISB12
TRISB11
TRISB10
TRISB9
TRISB8
TRISB7
TRISB6
TRISB5
TRISB4
TRISB6
TRISB5
TRISB1
TRISB0
FFFF
PORTB
02CA
RB15
RB14
RB13
RB12
RB11
RB10
RB9
RB8
RB7
RB6
RB5
RB4
RB6
RB5
RB1
RB0
xxxx
LATB
02CC
LATB15
LATB14
LATB13
LATB12
LATB11
LATB10
LATB9
LATB8
LATB7
LATB6
LATB5
LATB4
LATB6
LATB5
LATB1
LATB0
xxxx
ODCB
02CE
ODCB15
ODCB14
ODCB13
ODCB12
ODCB11
ODCB10
ODCB9
ODCB8
ODCB7
ODCB6
ODCB5
ODCB4
ODCB6
ODCB5
ODCB1
ODCB0
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal for 100-pin devices.
TABLE 4-22:
PORTC REGISTER MAP FOR dsPIC33FJ32MC204 AND dsPIC33FJ16MC304
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All Resets
TRISC
02D0
—
—
—
—
—
—
TRISC9
TRISC8
TRISC7
TRISC6
TRISC5
TRISC4
TRISC6
TRISC5
TRISC1
TRISC0
03FF
PORTC
02D2
—
—
—
—
—
—
RC9
RC8
RC7
RC6
RC5
RC4
RC6
RC5
RC1
RC0
xxxx
LATC
02D4
—
—
—
—
—
—
LATC9
LATC8
LATC7
LATC6
LATC5
LATC4
LATC6
LATC5
LATC1
LATC0
xxxx
ODCC
02D6
—
—
—
—
—
—
ODCC9
ODCC8
ODCC7
ODCC6
ODCC5
ODCC4
ODCC6
ODCC5
ODCC1
ODCC0
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-23:
SYSTEM CONTROL REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
RCON
0740
TRAPR
IOPUWR
—
—
—
—
CM
VREGS
EXTR
SWR
SWDTEN
WDTO
SLEEP
IDLE
BOR
POR
xxxx(1)
OSCCON
0742
—COSC<2:0>
—
NOSC<2:0>
CLKLOCK IOLOCK
LOCK
—CF
—
LPOSCEN
OSWEN
0300(2)
CLKDIV
0744
ROI
DOZE<2:0>
DOZEN
FRCDIV<2:0>
PLLPOST<1:0>
—
PLLPRE<4:0>
3040
PLLFBD
0746
—
—
—
—
—
—
—
PLLDIV<8:0>
0030
OSCTUN
0748
—
—
—
—
—
—
—
—
—
—TUN<5:0>
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
RCON register Reset values dependent on type of Reset.
2:
OSCCON register Reset values dependent on the FOSC Configuration bits and by type of Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com