Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC304EMM Datasheet(PDF) 18 Page - Microchip Technology

Part # DSPIC33FJMC304EMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304EMM Datasheet(HTML) 18 Page - Microchip Technology

Back Button DSPIC33FJMC304EMM Datasheet HTML 14Page - Microchip Technology DSPIC33FJMC304EMM Datasheet HTML 15Page - Microchip Technology DSPIC33FJMC304EMM Datasheet HTML 16Page - Microchip Technology DSPIC33FJMC304EMM Datasheet HTML 17Page - Microchip Technology DSPIC33FJMC304EMM Datasheet HTML 18Page - Microchip Technology DSPIC33FJMC304EMM Datasheet HTML 19Page - Microchip Technology DSPIC33FJMC304EMM Datasheet HTML 20Page - Microchip Technology DSPIC33FJMC304EMM Datasheet HTML 21Page - Microchip Technology DSPIC33FJMC304EMM Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 18
© 2007-2012 Microchip Technology Inc.
3.3
Special MCU Features
The dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
features a 17-bit by 17-bit single-cycle multiplier that is
shared by both the MCU ALU and DSP engine. The
multiplier can perform signed, unsigned and mixed-sign
multiplication. Using a 17-bit by 17-bit multiplier for 16-bit
by 16-bit multiplication not only allows you to perform
mixed-sign multiplication, it also achieves accurate results
for special operations, such as (-1.0) x (-1.0).
The dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
supports 16/16 and 32/16 divide operations, both
fractional and integer. All divide instructions are iterative
operations. They must be executed within a REPEAT loop,
resulting in a total execution time of 19 instruction cycles.
The divide operation can be interrupted during any of
those 19 cycles without loss of data.
A 40-bit barrel shifter is used to perform up to a 16-bit
left or right shift in a single cycle. The barrel shifter can
be used by both MCU and DSP instructions.
FIGURE 3-1:
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304 CPU CORE BLOCK DIAGRAM
Instruction
Decode and
Control
PCH
PCL
Program Counter
16-bit ALU
24
23
Instruction Reg
PCU
16 x 16
W Register Array
ROM Latch
EA MUX
Interrupt
Controller
Stack
Control
Logic
Loop
Control
Logic
Data Latch
Address
Latch
Control Signals
to Various Blocks
16
16
16
To Peripheral Modules
Data Latch
Address
Latch
16
X RAM
Y RAM
Address Generator Units
16
Y Data Bus
X Data Bus
DSP Engine
Divide Support
16
16
23
23
16
8
PSV and Table
Data Access
Control Block
16
16
16
16
Program Memory
Data Latch
Address Latch
16
16
16
16
16
16
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com