Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ256MC710IPF Datasheet(PDF) 39 Page - Microchip Technology

Part # DSPIC33FJ256MC710IPF
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256MC710IPF Datasheet(HTML) 39 Page - Microchip Technology

Back Button DSPIC33FJ256MC710IPF Datasheet HTML 35Page - Microchip Technology DSPIC33FJ256MC710IPF Datasheet HTML 36Page - Microchip Technology DSPIC33FJ256MC710IPF Datasheet HTML 37Page - Microchip Technology DSPIC33FJ256MC710IPF Datasheet HTML 38Page - Microchip Technology DSPIC33FJ256MC710IPF Datasheet HTML 39Page - Microchip Technology DSPIC33FJ256MC710IPF Datasheet HTML 40Page - Microchip Technology DSPIC33FJ256MC710IPF Datasheet HTML 41Page - Microchip Technology DSPIC33FJ256MC710IPF Datasheet HTML 42Page - Microchip Technology DSPIC33FJ256MC710IPF Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 37
dsPIC33F
TABLE 9-6:
ROTATE/SHIFT INSTRUCTIONS
TABLE 9-7:
BIT INSTRUCTIONS
Assembly
Syntax
Description
Words
Cycles
ASR
f {,WREG}
Destination = arithmetic right shift f
1
1
ASR
Ws,Wd
Wd = arithmetic right shift Ws
1
1
ASR
Wb,#lit4,Wnd
Wnd = arithmetic right shift Wb by lit4
1
1
ASR
Wb,Wns,Wnd
Wnd = arithmetic right shift Wb by Wns
1
1
LSR
f {,WREG}
Destination = logical right shift f
1
1
LSR
Ws,Wd
Wd = logical right shift Ws
1
1
LSR
Wb,#lit4,Wnd
Wnd = logical right shift Wb by lit4
1
1
LSR
Wb,Wns,Wnd
Wnd = logical right shift Wb by Wns
1
1
RLC
f {,WREG}
Destination = rotate left through Carry f
1
1
RLC
Ws,Wd
Wd = rotate left through Carry Ws
1
1
RLNC
f {,WREG}
Destination = rotate left (no Carry) f
1
1
RLNC
Ws,Wd
Wd = rotate left (no Carry) Ws
1
1
RRC
f {,WREG}
Destination = rotate right through Carry f
1
1
RRC
Ws,Wd
Wd = rotate right through Carry Ws
1
1
RRNC
f {,WREG}
Destination = rotate right (no Carry) f
1
1
RRNC
Ws,Wd
Wd = rotate right (no Carry) Ws
1
1
SL
f {,WREG}
Destination = left shift f
1
1
SL
Ws,Wd
Wd = left shift Ws
1
1
SL
Wb,#lit4,Wnd
Wnd = left shift Wb by lit4
1
1
SL
Wb,Wns,Wnd
Wnd = left shift Wb by Wns
1
1
Note:
When the optional {,WREG} operand is specified, the destination of the instruction is WREG. When
{,WREG} is not specified, the destination of the instruction is the file register f.
Assembly
Syntax
Description
Words
Cycles
BCLR
f,#bit4
Bit clear f
1
1
BCLR
Ws,#bit4
Bit clear Ws
1
1
BSET
f,#bit4
Bit set f
1
1
BSET
Ws,#bit4
Bit set Ws
1
1
BSW.C
Ws,Wb
Write C bit to Ws<Wb>
1
1
BSW.Z
Ws,Wb
Write SZ bit to Ws<Wb>
1
1
BTG
f,#bit4
Bit toggle f
1
1
BTG
Ws,#bit4
Bit toggle Ws
1
1
BTST
f,#bit4
Bit test f
1
1
BTST.C
Ws,#bit4
Bit test Ws to C
1
1
BTST.Z
Ws,#bit4
Bit test Ws to SZ
1
1
BTST.C
Ws,Wb
Bit test Ws<Wb> to C
1
1
BTST.Z
Ws,Wb
Bit test Ws<Wb> to SZ
1
1
BTSTS
f,#bit4
Bit test f then set f
1
1
BTSTS.C
Ws,#bit4
Bit test Ws to C then set Ws
1
1
BTSTS.Z
Ws,#bit4
Bit test Ws to SZ then set Ws
1
1
FBCL
Ws,Wnd
Find bit change from left (MSb) side
1
1
FF1L
Ws,Wnd
Find first one from left (MSb) side
1
1
FF1R
Ws,Wnd
Find first one from right (LSb) side
1
1
Note:
Bit positions are specified by bit4 (0:15) for word operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com