Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ256MC710IPF Datasheet(PDF) 78 Page - Microchip Technology

Part # DSPIC33FJ256MC710IPF
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256MC710IPF Datasheet(HTML) 78 Page - Microchip Technology

Back Button DSPIC33FJ256MC710IPF Datasheet HTML 74Page - Microchip Technology DSPIC33FJ256MC710IPF Datasheet HTML 75Page - Microchip Technology DSPIC33FJ256MC710IPF Datasheet HTML 76Page - Microchip Technology DSPIC33FJ256MC710IPF Datasheet HTML 77Page - Microchip Technology DSPIC33FJ256MC710IPF Datasheet HTML 78Page - Microchip Technology DSPIC33FJ256MC710IPF Datasheet HTML 79Page - Microchip Technology DSPIC33FJ256MC710IPF Datasheet HTML 80Page - Microchip Technology DSPIC33FJ256MC710IPF Datasheet HTML 81Page - Microchip Technology DSPIC33FJ256MC710IPF Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
dsPIC33F
DS70155C-page 76
Preliminary
© 2005 Microchip Technology Inc.
TABLE B-2:
dsPIC33F MOTOR CONTROL FAMILY VARIANTS (DEVICES MARKED “PS”)
U1CTS
U1RTS
U1RX
U1TX
U2CTS
U2RTS
U2RX
U2TX
I
O
I
O
I
O
I
O
ST
—
ST
—
ST
—
ST
—
UART1 clear to send.
UART1 ready to send.
UART1 receive.
UART1 transmit.
UART2 clear to send.
UART2 ready to send.
UART2 receive.
UART2 transmit.
VDD
P
—
Positive supply for peripheral logic and I/O pins.
VDDCORE
P
—
CPU logic filter capacitor connection.
VSS
P
—
Ground reference for logic and I/O pins.
VREF+
I
Analog
Analog voltage reference (high) input.
VREF-
I
Analog
Analog voltage reference (low) input.
TABLE B-1:
PINOUT I/O DESCRIPTIONS FOR MOTOR CONTROL FAMILY (CONTINUED)
Pin Name
Pin
Type
Buffer
Type
Description
Legend:
CMOS = CMOS compatible input or output; Analog = Analog input
ST = Schmitt Trigger input with CMOS levels; O = Output; I = Input; P = Power
Device
Pins
Program
Flash
Memory
(KB)
RAM
(KB)(1)
Packages
33FJ128MC706
64
128
17
9
8
8
8 ch
1
0
2 A/D,
16 ch
22
2
1
53
PT
33FJ128MC708
80
128
17
9
8
8
8 ch
1
0
2 A/D,
18 ch
22
2
1
69
PT
33FJ256MC710
100
256
33
9
8
8
8 ch
1
0
2 A/D,
24 ch
22
2
2
86
PF
Note
1:
RAM size is inclusive of 1 KB DMA RAM.
2:
Maximum I/O pin count includes pins shared by the peripheral functions.
Note:
Prototype samples are intended for dsPIC33F early adopters and are based on early revision silicon. Devices
are marked with “PS” suffix. Major differences are noted in this data sheet. For additional information, please
refer to the
“dsPIC33F Data Sheet”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com