Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDC37C78-HT Datasheet(PDF) 54 Page - Microchip Technology

Part # FDC37C78-HT
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78-HT Datasheet(HTML) 54 Page - Microchip Technology

Back Button FDC37C78-HT Datasheet HTML 50Page - Microchip Technology FDC37C78-HT Datasheet HTML 51Page - Microchip Technology FDC37C78-HT Datasheet HTML 52Page - Microchip Technology FDC37C78-HT Datasheet HTML 53Page - Microchip Technology FDC37C78-HT Datasheet HTML 54Page - Microchip Technology FDC37C78-HT Datasheet HTML 55Page - Microchip Technology FDC37C78-HT Datasheet HTML 56Page - Microchip Technology FDC37C78-HT Datasheet HTML 57Page - Microchip Technology FDC37C78-HT Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 82 page
background image
54
Version
The Version command checks to see if the
controller is an enhanced type or the older type
(765A). A value of 90 H is returned as the result
byte.
Relative Seek
The command is coded the same as for Seek,
except for the MSB of the first byte and the DIR
bit.
DIR
Head Step Direction Control
RCN
Relative Cylinder Number that determines
how many tracks to step the head in or out
from the current track number.
The Relative Seek command differs from the Seek
command in that it steps the head the absolute
number of tracks specified in the command
instead of making a comparison against an
internal register. The Seek command is good for
drives that support a maximum of 256 tracks.
Relative Seeks cannot be overlapped with other
Relative Seeks. Only one Relative Seek can be
active
at
a
time.
Relative
Seeks
may
be
overlapped with Seeks and Recalibrates. Bit 4 of
Status Register 0 (EC) will be set if Relative Seek
attempts to step outward beyond Track 0.
As an example, assume that a floppy drive has
300 useable tracks. The host needs to read track
300 and the head is on any track (0-255). If a
Seek command is issued, the head will stop at
track 255. If a Relative Seek command is issued,
the FDC will move the head the specified number
of tracks, regardless of the internal cylinder
position
register
(but
will
increment the register). If the head was on track
40 (d), the maximum track that the FDC could
position the head on using Relative Seek will be
295 (D), the initial track + 255 (D). The maximum
count that the head can be moved with a single
Relative Seek command is 255 (D).
The internal register, PCN, will overflow as the
cylinder number crosses track 255 and will contain
39 (D). The resulting PCN value is thus (RCN +
PCN) mod 256.
Functionally, the FDC starts
counting from 0 again as the track number goes
above 255 (D).
It is the user's responsibility to
compensate
FDC
functions
(precompensation
track number) when accessing tracks greater than
255.
The FDC does not keep track that it is
working in an "extended track area" (greater than
255). Any command issued will use the current
PCN value except for the Recalibrate command,
which
only
looks
for
the
TRACK0
signal.
Recalibrate will return an error if the head is farther
than 79 due to its limitation of issuing a maximum
of 80 step pulses. The user simply needs to issue
a second Recalibrate command.
The Seek
command and implied seeks will function correctly
within the 44 (D) track (299-255) area of the
"extended track area". It is the user's responsibility
not to issue a new track position that will exceed
the maximum track that is present in the extended
area. To return to the standard floppy range (0-
255) of tracks, a Relative Seek should be issued to
cross the track 255 boundary.
A Relative Seek can be used instead of the normal
Seek, but the host is required to calculate the
difference between the current head location and
the new (target) head location. This may require
the host to issue a Read ID command to ensure
that the head is physically on the track that
software assumes it to be.
Different FDC
commands will return different cylinder results
which may be difficult to keep track of with
software without the Read ID command.
Perpendicular Mode
The Perpendicular Mode command should be
issued
prior
to
executing
Read/Write/Format
commands
that
access
a
disk
drive
with
perpendicular recording capability.
With this
DIR
ACTION
0
1
Step Head Out
Step Head In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com