Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ16GS504 Datasheet(PDF) 4 Page - Microchip Technology

Part # dsPIC33FJ16GS504
Description  dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ16GS504 Datasheet(HTML) 4 Page - Microchip Technology

  dsPIC33FJ16GS504 Datasheet HTML 1Page - Microchip Technology dsPIC33FJ16GS504 Datasheet HTML 2Page - Microchip Technology dsPIC33FJ16GS504 Datasheet HTML 3Page - Microchip Technology dsPIC33FJ16GS504 Datasheet HTML 4Page - Microchip Technology dsPIC33FJ16GS504 Datasheet HTML 5Page - Microchip Technology dsPIC33FJ16GS504 Datasheet HTML 6Page - Microchip Technology dsPIC33FJ16GS504 Datasheet HTML 7Page - Microchip Technology dsPIC33FJ16GS504 Datasheet HTML 8Page - Microchip Technology dsPIC33FJ16GS504 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS80439M-page 4
 2009-2013 Microchip Technology Inc.
PWM
Duty Cycle
Updates
34.
When the PWM duty cycle update coincides with the
PWM period rollover, the PWM output may be corrupted
for one PWM period.
XX
X
JTAG
Active Pull-up
35.
In JTAG mode, the TMS pin will not have an active pull-up
as required by the JTAG specification.
XX
X
SPI
Framed Master
Mode
36.
When the SPI module is configured in Framed Master
mode and the Frame Sync Pulse Edge Select bit
(FRMDLY) is set to ‘1’, transmitting a word and then
buffering another word in the SPIxBUF register before the
transmission has completed, results in an incomplete
transmission of the first data word.
XX
X
Comparator
Trigger Voltage
Level
37.
Output signal transitions occurring on the DACOUT pin
(with DAC output disabled) can cause the Comparator
trigger voltage level to change.
XX
X
CPU
Interrupt
Disable
38.
When a previous DISI instruction is active (i.e., the
DISICNT register is non-zero), and the value of the
DISICNT register is updated manually, the DISICNT
register freezes and disables interrupts permanently.
XX
X
CPU
div.sd
39.
When using the div.sd instruction, the overflow bit is not
getting set when an overflow occurs.
XX
X
UART
TX Interrupt
40.
A Transmit (TX) interrupt may occur before the data
transmission is complete.
XX
X
JTAG
Flash
Programming
41.
JTAG Flash programming is not supported.
X
X
X
PWM
Edge-Aligned
Complimentary
Mode
42.
When operating in Edge-Aligned Complimentary mode,
the dead time could become 0.
XX
X
PWM
PWM Module
Enable
43.
If the PWM Clock Divider Select register, PTCON2, is not
equal to zero, the PWM module may or may not initialize
from an override state
XX
X
PWM
PWM SWAP
44.
If the PWM is configured for Complimentary mode and the
SWAP bit is enabled, the PWM outputs might operate as
Redundant mode when the PHASE value is greater than
the programmed dead-time (DTRx) value.
XX
X
PWM
PWM in
Current-Limit
Mode
45.
A <8-ns glitch may be observed on the PWM output pins
when the Current-Limit event occurs.
XX
X
TABLE 2:
SILICON ISSUE SUMMARY (CONTINUED)
Module
Feature
Item
Number
Issue Summary
Affected
Revisions(1)
A2 A3 A4
Note 1:
Only those issues indicated in the last column apply to the current silicon revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com