Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ16GS504 Datasheet(PDF) 7 Page - Microchip Technology

Part # dsPIC33FJ16GS504
Description  dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ16GS504 Datasheet(HTML) 7 Page - Microchip Technology

Back Button dsPIC33FJ16GS504 Datasheet HTML 3Page - Microchip Technology dsPIC33FJ16GS504 Datasheet HTML 4Page - Microchip Technology dsPIC33FJ16GS504 Datasheet HTML 5Page - Microchip Technology dsPIC33FJ16GS504 Datasheet HTML 6Page - Microchip Technology dsPIC33FJ16GS504 Datasheet HTML 7Page - Microchip Technology dsPIC33FJ16GS504 Datasheet HTML 8Page - Microchip Technology dsPIC33FJ16GS504 Datasheet HTML 9Page - Microchip Technology dsPIC33FJ16GS504 Datasheet HTML 10Page - Microchip Technology dsPIC33FJ16GS504 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2009-2013 Microchip Technology Inc.
DS80439M-page 7
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
9. Module: PWM
The PWM module fails to wake the CPU from
Sleep mode on a PWM Fault event.
Work around
Use the external interrupt pins to wake the CPU
from Sleep mode.
Affected Silicon Revisions
10. Module: Comparator
If the slew rate of the Comparator input signal is
lower than 198 mV/µs, the Comparator module
generates erroneous triggers/interrupts.
Work around
The Slew rate of Comparator input signal must be
higher than 198 mV/µs to avoid multiple triggers/
interrupts.
Affected Silicon Revisions
11. Module: ADC
Selecting the primary FRC (FVCO) as a clock
source for the ADC module by setting the
SLOWCLK bit (ADCON<12>) to the default setting
of ‘0’, does not work.
Work around
Always set the SLOWCLK bit (ADCON<12>) to ‘1’,
which selects the Auxiliary Clock (ACLK) as a
clock source for the ADC. Use the Auxiliary Clock
Configuration registers to select the primary FRC
(FVCO) as a source (if desired) or other clock
sources as inputs. See Section 8.0 “Oscillator
Configuration” of the device data sheet
(DS70318) for more information.
Affected Silicon Revisions
12. Module: Auxiliary Clock
When the PWMMD bit in the PMD1 register is set,
the Auxiliary Clock to both the ADC and PWM
modules is disabled.
Work around
To disable the Auxiliary clock for the PWM module
but not for the ADC module, set the individual
PWM generator PMD bits in the PMD6 register.
Affected Silicon Revisions
13. Module: Comparator
The comparator interrupt should be generated on
a rising edge of the comparator output. When
using the inverted polarity setting for the analog
comparator (CMPCONx<CMPPOL> = 1), the
interrupt should be generated when the analog
voltage at the comparator input falls below the
programmable threshold determined by the
CMPDAC register setting. However, with this
setting the interrupts may be generated regardless
of the state of the comparator.
Work around
When using comparator interrupts, configure the
external circuit to use the non-inverted polarity
comparator setting (CMPCONx<CMPPOL> = 0).
Affected Silicon Revisions
14. Module: UART
When the UART is in 4x mode (BRGH = 1) and
using two Stop bits (STSEL = 1), it may sample the
first Stop bit instead of the second one.
This issue does not affect the other UART
configurations.
Work around
Use the 16x baud rate option (BRGH = 0) and
adjust the baud rate accordingly.
Affected Silicon Revisions
A2
A3
A4
XX
X
A2
A3
A4
XX
X
A2
A3
A4
XX
X
A2
A3
A4
XX
X
A2
A3
A4
XX
X
A2
A3
A4
XX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com