Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA335W13TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA335W13TR
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W13TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA335W13TR Datasheet HTML 14Page - STMicroelectronics STA335W13TR Datasheet HTML 15Page - STMicroelectronics STA335W13TR Datasheet HTML 16Page - STMicroelectronics STA335W13TR Datasheet HTML 17Page - STMicroelectronics STA335W13TR Datasheet HTML 18Page - STMicroelectronics STA335W13TR Datasheet HTML 19Page - STMicroelectronics STA335W13TR Datasheet HTML 20Page - STMicroelectronics STA335W13TR Datasheet HTML 21Page - STMicroelectronics STA335W13TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Register description
STA335W
18/43
5.1.1
Master clock select
The STA335W supports sample rates of 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz,
176.4 kHz, and 192 kHz. Therefore the internal clock is:
●
32.768 MHz for 32 kHz
●
45.1584 MHz for 44.1 kHz, 88.2 kHz, and 176.4 kHz
●
49.152 MHz for 48 kHz, 96 kHz, and 192 kHz
The external clock frequency provided to the XTI pin must be a multiple of the input sample
frequency (fs).
The relationship between the input clock and the input sample rate is determined by both
the MCSx and the IR (input rate) register bits. The MCSx bits determine the PLL factor
generating the internal clock and the IR bit determines the oversampling ratio used
internally.
Table 10.
Master clock select
Bit
R/W
RST
Name
Description
0R/W
1
MCS0
Selects the ratio between the input I2S sample
frequency and the input clock.
1R/W
1
MCS1
2R/W
0
MCS2
Table 11.
Input sampling rates
Input sample rate
fs (kHz)
IR
MCS[2:0]
101
100
011
010
001
000
32, 44.1, 48
00
576 * fs
128 * fs
256 * fs
384 * fs
512 * fs
768 * fs
88.2, 96
01
NA
64 * fs
128 * fs
192 * fs
256 * fs
384 * fs
176.4, 192
1X
NA
32 * fs
64 * fs
96 * fs
128 * fs
192 * fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com