Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA335W13TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA335W13TR
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W13TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA335W13TR Datasheet HTML 16Page - STMicroelectronics STA335W13TR Datasheet HTML 17Page - STMicroelectronics STA335W13TR Datasheet HTML 18Page - STMicroelectronics STA335W13TR Datasheet HTML 19Page - STMicroelectronics STA335W13TR Datasheet HTML 20Page - STMicroelectronics STA335W13TR Datasheet HTML 21Page - STMicroelectronics STA335W13TR Datasheet HTML 22Page - STMicroelectronics STA335W13TR Datasheet HTML 23Page - STMicroelectronics STA335W13TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Register description
STA335W
20/43
condition. When TWARN is asserted (set to 0) for a period of time greater than 400 ms, the
power control block forces a -3 dB output limit (determined by TWOCL in the coefficient
RAM) to the modulation limit in an attempt to eliminate the thermal warning condition. Once
the thermal warning output limit adjustment is applied, it remains in this state until reset,
unless FDRB = 0.
5.1.5
Fault detect recovery bypass
The on-chip STA335W power output block provides feedback to the digital controller using
inputs to the power control block. The FAULT input is used to indicate a fault condition
(either over-current or thermal). When FAULT is asserted (set to 0), the power control block
attempts a recovery from the fault by asserting the tri-state output (setting it to 0 which
directs the power output block to begin recovery), holds it at 0 for period of time in the range
of 0.1 ms to 1 second as defined by the fault-detect recovery constant register (FDRC
registers 0x29-0x2A), then toggles it back to 1. This sequence is repeated as log as the fault
indication exists. This feature is enabled by default but can be bypassed by setting the
FDRB control bit to 1.
5.2
Configuration register B (addr 0x01)
5.2.1
Serial audio input interface format
Table 16.
Fault detect recovery bypass
Bit
R/W
RST
Name
Description
7R/W
0
FDRB
0: fault detect recovery enabled
1: fault detect recovery disabled
D7
D6
D5
D4
D3
D2
D1
D0
C2IM
C1IM
DSCKE
SAIFB
SAI3
SAI2
SAI1
SAI0
10
00
00
0
0
Table 17.
Serial audio input interface
Bit
R/W
RST
Name
Description
0
R/W
0
SAI0
Determines the interface format of the input serial
digital audio interface.
1
R/W
0
SAI1
2
R/W
0
SAI2
3
R/W
0
SAI3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com