Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6562 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6562
Description  TRANSITION-MODE PFC CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6562 Datasheet HTML 2Page - STMicroelectronics L6562 Datasheet HTML 3Page - STMicroelectronics L6562 Datasheet HTML 4Page - STMicroelectronics L6562 Datasheet HTML 5Page - STMicroelectronics L6562 Datasheet HTML 6Page - STMicroelectronics L6562 Datasheet HTML 7Page - STMicroelectronics L6562 Datasheet HTML 8Page - STMicroelectronics L6562 Datasheet HTML 9Page - STMicroelectronics L6562 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
L6562
6/16
Figure 8. Feedback reference vs. Tj
Figure 9. OVP current vs. Tj
Figure 10. E/A output clamp levels vs. Tj
Figure 11. Delay-to-output vs. Tj
Figure 12. Multiplier characteristic
Figure 13. Multiplier gain vs. Tj
VREF
(V)
-50
0
50
100
150
2.4
2.45
2.5
2.55
2.6
Vcc = 12 V
Tj (°C)
IOVP
(µA)
-50
0
50
100
150
39
39.5
40
40.5
41
Vcc = 12 V
Tj (°C)
Tj (°C)
Vpin2
(V)
-50
0
50
100
150
2
3
4
5
6
Upper clamp
Lower clamp
Vcc = 12 V
Tj (°C)
tD(H-L)
(ns)
-50
0
50
100
150
0
100
200
300
400
500
Vcc = 12 V
VMULT(pin 3) (V)
VCOMP(pin 2)
(V)
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
0
VCS(pin 4)
2.6
3.0
3.2
5.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
(V)
4.0
2.8
upper voltage
clamp
3.5
Tj (°C)
K
-50
0
50
100
150
0
0.2
0.4
0.6
0.8
1
Vcc = 12 V
VCOMP =4 V
VMULT=1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com