Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6562 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6562
Description  TRANSITION-MODE PFC CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562 Datasheet(HTML) 3 Page - STMicroelectronics

  L6562 Datasheet HTML 1Page - STMicroelectronics L6562 Datasheet HTML 2Page - STMicroelectronics L6562 Datasheet HTML 3Page - STMicroelectronics L6562 Datasheet HTML 4Page - STMicroelectronics L6562 Datasheet HTML 5Page - STMicroelectronics L6562 Datasheet HTML 6Page - STMicroelectronics L6562 Datasheet HTML 7Page - STMicroelectronics L6562 Datasheet HTML 8Page - STMicroelectronics L6562 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
L6562
Table 4. Pin Description
N°
Pin
Function
1
INV
Inverting input of the error amplifier. The information on the output voltage of the PFC pre-
regulator is fed into the pin through a resistor divider.
2
COMP
Output of the error amplifier. A compensation network is placed between this pin and INV (pin
#1) to achieve stability of the voltage control loop and ensure high power factor and low THD.
3
MULT
Main input to the multiplier. This pin is connected to the rectified mains voltage via a resistor
divider and provides the sinusoidal reference to the current loop.
4
CS
Input to the PWM comparator. The current flowing in the MOSFET is sensed through a resistor,
the resulting voltage is applied to this pin and compared with an internal sinusoidal-shaped
reference, generated by the multiplier, to determine MOSFET’s turn-off.
5
ZCD
Boost inductor’s demagnetization sensing input for transition-mode operation. A negative-going
edge triggers MOSFET’s turn-on.
6
GND
Ground. Current return for both the signal part of the IC and the gate driver.
7
GD
Gate driver output. The totem pole output stage is able to drive power MOSFET’s and IGBT’s
with a peak current of 600 mA source and 800 mA sink. The high-level voltage of this pin is
clamped at about 12V to avoid excessive gate voltages in case the pin is supplied with a high
Vcc.
8
Vcc
Supply Voltage of both the signal part of the IC and the gate driver. The supply voltage upper
limit is extended to 22V min. to provide more headroom for supply voltage changes.
Table 5. Electrical Characteristics
(Tj = -25 to 125°C, VCC = 12, CO = 1 nF; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY VOLTAGE
VCC
Operating range
After turn-on
10.3
22
V
VCCon
Turn-on threshold
(1)
11
12
13
V
VCCOff
Turn-off threshold
(1)
8.7
9.5
10.3
V
Hys
Hysteresis
2.2
2.8
V
VZ
Zener Voltage
ICC = 20 mA
22
25
28
V
SUPPLY CURRENT
Istart-up
Start-up Current
Before turn-on, VCC =11V
40
70
µA
Iq
Quiescent Current
After turn-on
2.5
3.75
mA
ICC
Operating Supply Current
@ 70 kHz
3.5
5
mA
Iq
Quiescent Current
During OVP (either static or
dynamic) or VZCD =150 mV
2.2
mA
MULTIPLIER INPUT
IMULT
Input Bias Current
VVFF = 0 to 4 V
-1
µA
VMULT
Linear Operation Range
0 to 3
V
Output Max. Slope
VMULT = 0 to 0.5V
VCOMP = Upper clamp
1.65
1.9
V/V
K
Gain (2)
VMULT = 1 V, VCOMP = 4 V
0.5
0.6
0.7
1/V
ERROR AMPLIFIER
VINV
Voltage Feedback Input
Threshold
Tj = 25 °C
2.465
2.5
2.535
V
10.3 V < Vcc < 22 V (1)
2.44
2.56
Line Regulation
Vcc = 10.3 V to 22V
2
5
mV
IINV
Input Bias Current
VINV = 0 to 3 V
-1
µA
V
CS
∆
V
MU L T
∆
---------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com