Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADL5350ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5350ACPZ-R7
Description  LF to 4 GHz High Linearity Y-Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5350ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5350ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADL5350
Rev. 0 | Page 11 of 24
Supply voltage = 3 V, RF frequency = 850 MHz, IF frequency = 70 MHz, RF level = 0 dBm, LO level = 4 dBm, TA = 25°C, unless otherwise noted.
–13
–14
–15
–16
–17
–18
–19
–20
–21
750
975
950
925
900
875
850
825
800
775
RF FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 27. IF Feedthrough vs. RF Frequency
–15
–20
–25
–30
–35
–40
–45
680
905
880
855
830
805
780
755
730
705
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 28. IF Feedthrough vs. LO Frequency
0
–2
–6
–4
–8
–10
–12
–14
–20
–16
–18
630
680
730
780
830
880
930
LO FREQUENCY (MHz)
Figure 29. RF Leakage vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com