| Electronic Components Datasheet Search |
|
USB2422-I/MJ Datasheet(PDF) 30 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2422-I/MJ Datasheet(HTML) 30 Page - SMSC Corporation |
|
30 / 51 page ![]() 2-Port USB 2.0 Hi-Speed Hub Controller Datasheet Revision 1.0 (06-04-13) 30 SMSC USB2422 DATASHEET 4.4.9 Configuration Data Byte 3 Register (CFG3) 4.4.10 Non-Removable Device Register (NRD) Address: 08h Size: 8 bits BITS DESCRIPTION TYPE DEFAULT 7:4 RESERVED -- 3 Port Remapping Enable (PRTMAP_EN) Selects the method used by the hub to assign port numbers and disable ports 0 = Standard Mode Strap options or the following registers are used to define which ports are enabled, and the ports are mapped as Port'n' on the hub is reported as Port'n' to the host, unless one of the ports is disabled, then the higher numbered ports are remapped in order to report contiguous port numbers to the host. Register 0Ah: Port Disable For Self Powered Operation (Reset = 0x00) Register 0Bh: Port Disable For Bus Powered Operation (Reset = 0x00). 1 = Port Re-Map mode The mode enables remapping via Register FBh: Port Remap 12 R/W 0b 2:1 RESERVED -- 0 String Enable (STRING_EN) Enables string descriptor support. 0 = String support disabled 1 = String support enabled R/W 0b Address: 09h Size: 8 bits BITS DESCRIPTION TYPE DEFAULT 7:0 Non-Removable Device (NR_DEVICE) Indicates which port(s) include non- removable devices. 0 = port is removable 1 = port is non- removable Informs the Host if one of the active physical ports has a permanent device that is undetachable from the Hub. Note: The device must provide its own descriptor data. When using the internal default option, the NON_REM[1:0] pins will designate the appropriate ports as being non- removable. Bit 7= Reserved Bit 6= Reserved Bit 5= Reserved Bit 4= Reserved Bit 3= Reserved Bit 2= Port 2 non-removable Bit 1= Port 1 non removable Bit 0= Reserved R/W 00h |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |