Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB2422-I/MJ Datasheet(PDF) 44 Page - SMSC Corporation

Part # USB2422-I/MJ
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422-I/MJ Datasheet(HTML) 44 Page - SMSC Corporation

Back Button USB2422-I/MJ Datasheet HTML 40Page - SMSC Corporation USB2422-I/MJ Datasheet HTML 41Page - SMSC Corporation USB2422-I/MJ Datasheet HTML 42Page - SMSC Corporation USB2422-I/MJ Datasheet HTML 43Page - SMSC Corporation USB2422-I/MJ Datasheet HTML 44Page - SMSC Corporation USB2422-I/MJ Datasheet HTML 45Page - SMSC Corporation USB2422-I/MJ Datasheet HTML 46Page - SMSC Corporation USB2422-I/MJ Datasheet HTML 47Page - SMSC Corporation USB2422-I/MJ Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (06-04-13)
44
SMSC USB2422
DATASHEET
Chapter 6 AC Specifications
6.1
Oscillator/Crystal
Parallel Resonant, Fundamental Mode, 24 MHz
±350 ppm.
Figure 6.1 Typical Crystal Circuit
Table 6.1 Crystal Circuit Legend
Figure 6.2 Formula to Find the Value of C1 and C2
Note 6.1
C0 is usually included (subtracted by the crystal manufacturer) in the specification for CL
and should be set to 0 for use in the calculation of the capacitance formulas in Figure 6.2,
"Formula to Find the Value of C1 and C2". However, the PCB itself may present a parasitic
capacitance between XTALIN and XTALOUT. For an accurate calculation of C1 and C2,
take the parasitic capacitance between traces XTALIN and XTALOUT into account.
Note 6.2
Each of these capacitance values is typically approximately 18 pF.
SYMBOL
DESCRIPTION
IN ACCORDANCE WITH
C0
Crystal shunt capacitance
Crystal manufacturer’s specification (See Note 6.1)
CL
Crystal load capacitance
CB
Total board or trace capacitance
OEM board design
CS
Stray capacitance
SMSC IC and OEM board design
CXTAL
XTAL pin input capacitance
SMSC IC
C1
Load capacitors installed on OEM
board
Calculated values based on Figure 6.2, "Formula to Find the
Value of C1 and C2" (See Note 6.2)
C2
C1
C2
CL
Crystal
C0
XTALIN
(CS1 = CB1 + CXTALIN)
XTALOUT
(CS2 = CB2 + CXTALOUT)
C1 = 2 x (CL – C0) – CS1
C2 = 2 x (CL – C0) – CS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com