Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBRF10150CT Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # MBRF10150CT
Description  TO-220F Plastic-Encapsulate Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MBRF10150CT Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  MBRF10150CT Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MBRF10150CT Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
30
60
90
120
150
1E-3
0.01
0.1
1
10
100
1000
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
0
200
400
600
800
1000
1
10
100
1000
10000
0
5
10
15
20
0
50
100
150
200
250
300
REVERSE VOLTAGE
V
R
(V)
T
a
=100℃
T
a
=25℃
Reverse Characteristics
MBRF10150CT
Typical Characteristics
AMBIENT TEMPERATURE
T
a
(
)
Power Derating Curve
T
a
=100℃
T
a
=25℃
Forward Characteristics
FORWARD VOLTAGE
V
F
(mV)
REVERSE VOLTAGE
V
R
(V)
T
a
=25℃
f=1MHz
Capacitance Characteristics Per Diode
A,Jun,2011



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com