Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1206SFS050/24-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1206SFS050/24-2
Description  Fast-Acting Chip Fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFS050/24-2 Datasheet(HTML) 3 Page - Tyco Electronics

  1206SFS050/24-2 Datasheet HTML 1Page - Tyco Electronics 1206SFS050/24-2 Datasheet HTML 2Page - Tyco Electronics 1206SFS050/24-2 Datasheet HTML 3Page - Tyco Electronics 1206SFS050/24-2 Datasheet HTML 4Page - Tyco Electronics 1206SFS050/24-2 Datasheet HTML 5Page - Tyco Electronics 1206SFS050/24-2 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
101
11
RoHS Compliant, ELV Compliant
HF Halogen Free
Family Performance Curves
Figure FF1-FF6
0.1
10
1100
10
1
0.1
0.01
0.001
Current (A)
0402SFF Average Time Current Curves
A = 0.5A
B = 0.7A
C = 1.0A
D = 1.2A
E = 1.5A
F = 2.0A
G = 2.5A
H = 3.0A
I
= 4.0A
A B C
D
E
F
G
H
I
0.001
0.01
0.1
1
10
1000
100
10
1
0.1
0.01
0.001
Time (s)
0402SFF I²t vs. t Curves
A = 0.5A
B = 0.75A
C = 1.0A
D = 1.5A
E = 2.0A
F = 3.0A
G = 4.0A
A
B
C
D
E
F
G
Figure FF2
Figure FF1
10
1
0.1
0.01
0.001
1
0.1
10
100
Current (A)
0603SFF Average Time Current Curves
A =
0.5A
B =
0.7A
C =
1.0A
D =
1.5A
E =
2.0A
F =
2.5A
G =
3.0A
H =
3.5A
I
=
4.0A
J =
5.0A
K =
6.0A
A B C D E FGHI J K
0.001
0.01
0.1
1
10
10000
1000
100
10
1
0.1
0.01
0.001
Time (s)
0603SFF I²t vs. t Curves
B
C
D
E
F
G
H
I
J
K
A = 0.5A
B = 0.75A
C = 1.0A
D = 1.5A
E = 2.0A
F = 2.5A
G = 3.0A
H = 3.5A
I
= 4.0A
J = 5.0A
K = 6.0A
A
Figure FF4
Figure FF3
Note: Curves are nominal
Note: Curves are nominal



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com