Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1206SFS050/24-2 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 1206SFS050/24-2
Description  Fast-Acting Chip Fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFS050/24-2 Datasheet(HTML) 4 Page - Tyco Electronics

  1206SFS050/24-2 Datasheet HTML 1Page - Tyco Electronics 1206SFS050/24-2 Datasheet HTML 2Page - Tyco Electronics 1206SFS050/24-2 Datasheet HTML 3Page - Tyco Electronics 1206SFS050/24-2 Datasheet HTML 4Page - Tyco Electronics 1206SFS050/24-2 Datasheet HTML 5Page - Tyco Electronics 1206SFS050/24-2 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
102
11
RoHS Compliant, ELV Compliant
HF Halogen Free
Family Performance Curves
... Cont’d
Figure FF1-FF6
0.1
10
1100
10
1
0.1
0.01
0.001
Current (A)
1206SFF Average Time Current Curves
A
B CD E F G H IJK L M
A = 0.5A
B = 0.7A
C = 1.0A
D = 1.5A
E = 1.7A
F = 2.0A
G = 2.5A
H = 3.0A
I
= 4.0A
J = 5.0A
K = 6.0A
L = 7.0A
M = 8.0A
10000
1000
100
10
1
0.1
0.01
0.001
Time (s)
1206SFF I²t vs. t Curves
0.001
0.01
0.1
1
10
A
B
C
D
E
F
G
H
I
J
K
L
M
A =
0.5A
B = 0.75A
C =
1.0A
D =
1.5A
E = 1.75A
F =
2.0A
G =
2.5A
H =
3.0A
I
=
4.0A
J =
5.0A
K =
6.0A
L =
7.5A
M =
8.0A
Figure FF6
Figure FF5
Operating temperature
-55°C to +125°C
Mechanical vibration
Withstands 5-3000 Hz at 30 Gs when evaluated per Method 204 of MIL-STD-202
Mechanical shock
Withstands 1500 Gs, 0.5 millisecond half-sine pulses when evaluated per Method 213 of MIL-STD-202
Thermal shock
Withstands 100 cycles from -65°C to +125°C when evaluated per Method 107 of MIL-STD-202
Resistance to soldering heat
Withstands 60 seconds at +260°C when evaluated per Method 210 of MIL-STD-202
Solderability
Meets 95% minimum coverage requirement when evaluated per Method 208 of MIL-STD-202
Moisture resistance
Withstands 10 cycles when evaluated per Method 106 of MIL-STD-202
Salt spray
Withstands 48-hour exposure when evaluated per Method 101 of MIL-STD-202
Construction body material
Ceramic
Termination material
Silver, Nickel, Tin
Fuse element
Silver
105
100
95
90
85
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
Maximum Operating Temperature (˚C)
-55
-35
-15
5
25
45
65
85
105
125
145
Temperature Effect on Current Rating
Environmental Specifications for Fast-Acting Chip Fuses
Table FF3
Material Specifications for Fast-Acting Chip Fuses
Table FF4
Thermal Derating Current for Fast-Acting Chip Fuses
Figure FF7
Note: Curves are nominal



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com