Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E5CN-R2MT-500 Datasheet(PDF) 34 Page - Omron Electronics LLC

Part # E5CN-R2MT-500
Description  Digital Temperature Controllers/Digital Controllers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2MT-500 Datasheet(HTML) 34 Page - Omron Electronics LLC

Back Button E5CN-R2MT-500 Datasheet HTML 30Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 31Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 32Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 33Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 34Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 35Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 36Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 37Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 38Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
E5CN-H
34
Specifications
Ratings
✽ For models with current outputs, control output 1 can be used as a transfer output.
Power supply voltage
No D in model number: 100 to 240 VAC, 50/60 Hz
D in model number: 24 VAC, 50/60 Hz; 24 VDC
Operating voltage range
85% to 110% of rated supply voltage
Power consumption
100 to 240 VAC: 8.5 VA (max.) (E5CN-HR2 at 100 VAC: 3.0 VA)
24 VAC/VDC: 5.5 VA (24 VAC)/3.5 W (24 VDC) (max.) (E5CN-HR2D at 24 VAC: 2.7 VA)
Sensor input
Any of the following can be selected (i.e., fully universal input).
Thermocouple: K, J, T, E, L, U, N, R, S, B, W, or PL II
Platinum resistance thermometer: Pt100 or JPt100
Current input: 4 to 20 mA or 0 to 20 mA
Voltage input: 1 to 5 V, 0 to 5 V, or 0 to 10 V
Input impedance
Current input: 150
Ω max., Voltage input: 1 MΩ min. (Use a 1:1 connection when connecting the ES2-HB.)
Control method
ON/OFF control or 2-PID control (with auto-tuning)
Control
output
Relay output
SPST-NO, 250 VAC, 3 A (resistive load), electrical life: 100,000 operations, minimum applicable load: 5 V, 10 mA
Voltage output
(for driving SSR)
Output voltage: 12 VDC
±15% (PNP), max. load current: 21 mA, with short-circuit protection circuit
Current output
4 to 20 mA DC/0 to 20 mA DC, load: 600
Ω max., resolution: approx. 10,000 ✽
Linear voltage out-
put
0 to 10 VDC (load: 1 k
Ω min.), Resolution: Approx. 10,000
Auxilia-
ry
output
Number of outputs 2 max.
Output specifica-
tions
Relay output: SPST-NO, 250 VAC, 3 A (resistive load), electrical life: 100,000 operations, minimum applicable
load: 5 V, 10 mA
Event
input
Number of outputs 2
External contact
input specifica-
tions
Contact input: ON: 1 k
Ω max., OFF: 100 kΩ min.
Non-contact input: ON: Residual voltage: 1.5 V max., OFF: Leakage current: 0.1 mA max.
Current flow: Approx. 7 mA per contact
Logic
opera-
tions
Number of opera-
tions
8 max. (Combinations can be made using work bits.)
Operations
• Logic operation: Any of the following four patterns can be selected. The input status may be inverted.
(A and B) or (C and D), (A or C) and (B or D), A or B or C or D, A and B and C and D (A, B,
C, and D are four inputs.)
• Delay:
ON delay or OFF delay for the results of the logic operation given above.
Setting time: 0 to 9999 s or 0 to 9999 min
• Output inversion: Possible
Outputs
One work bit per operation
Work bit assign-
ments
Any of the following can be assigned to up to eight work bits (logic operation results): Event input operations,
auxiliary outputs, or control outputs.
Transfer
outputs
Number of outputs 1 max.
Output
specifications
Current output: 4 to 20 mA DC, Load: 600
Ω max., Resolution at 4 to 20 mA: Approx. 10,000
RSP input
Not supported
Setting method
Digital setting using front panel keys
Indication method
11-segment digital display and individual indicators (7-segments displays also possible)
Character height: PV: 11 mm, SV: 6.5 mm
Bank switching
Supported (number of banks: 8)
Local SP, alarm settings, PID sets (PID constants, MV upper limit, MV lower limit, etc.)
Other functions
Manual output, heating/cooling control, loop burnout alarm, SP ramp, other alarm functions, heater burnout
detection, 40% AT, 100% AT, MV limiter, input digital filter, self-tuning, temperature input shift, run/stop,
protection functions, control output ON/OFF counter, extraction of square root, MV change rate limit, PV/SV
status display, logic operations, automatic cooling coefficient adjustment
Ambient operating tempera-
ture
−10 to 55°C (with no condensation or icing), for 3-year warranty: −10 to 50°C
Ambient operating humidity
25% to 85%
Storage temperature
−25 to 65°C (with no condensation or icing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com