Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E5CN-R2MT-500 Datasheet(PDF) 40 Page - Omron Electronics LLC

Part # E5CN-R2MT-500
Description  Digital Temperature Controllers/Digital Controllers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2MT-500 Datasheet(HTML) 40 Page - Omron Electronics LLC

Back Button E5CN-R2MT-500 Datasheet HTML 36Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 37Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 38Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 39Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 40Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 41Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 42Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 43Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 44Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
E5CN-H
40
Nomenclature
Dimensions
(Unit: mm)
Accessories (Order Separately)
USB-Serial Conversion Cable
E5CN-H
E5CN-H
SUB1
OUT1
OUT2
STOP
CWM MANU
SUB2
SUB3
HA
Level Key
Temperature unit
No. 1 display
No. 2 display
Up Key
Mode Key
Down Key
Operation indicators
45
+0.6
0
45
+0.6
0
45
+0.6
0
60 min.
(48
× number of units − 2.5)
+1.0
0
Group mounting does not
allow waterproofing.
Panel Cutout
Mounted Separately
Group Mounted
48
× 48
44.8
× 44.8 48.8
6
1.5
91
78
58
Terminal Cover
(E53-COV17)
(Accessory)
Mounting Adapter
(Accessory)
Waterproof
Packing
(Accessory)
E5CN-H
• Recommended panel thickness is 1 to
5mm.
• Group mounting is not possible in the
vertical direction. (Maintain the specified
mounting space between Controllers.)
• To mount the Controller so that it is
waterproof, insert the waterproof packing
onto the Controller.
• When two or more Controllers are mounted,
make sure that the surrounding
temperature does not exceed the allowable
operating temperature specified in the
specifications.
Note: The terminal block cannot be removed.
(2,100)
250
1,765
USB connector (type A plug)
Serial connector
LED indicator (RD)
LED indicator
(SD)
E58-CIFQ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com