Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F3010 Datasheet(PDF) 77 Page - Microchip Technology

Part # DSPIC30F3010
Description  High-Performance,16-Bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F3010 Datasheet(HTML) 77 Page - Microchip Technology

Back Button DSPIC30F3010 Datasheet HTML 73Page - Microchip Technology DSPIC30F3010 Datasheet HTML 74Page - Microchip Technology DSPIC30F3010 Datasheet HTML 75Page - Microchip Technology DSPIC30F3010 Datasheet HTML 76Page - Microchip Technology DSPIC30F3010 Datasheet HTML 77Page - Microchip Technology DSPIC30F3010 Datasheet HTML 78Page - Microchip Technology DSPIC30F3010 Datasheet HTML 79Page - Microchip Technology DSPIC30F3010 Datasheet HTML 80Page - Microchip Technology DSPIC30F3010 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 228 page
background image
© 2010 Microchip Technology Inc.
DS70141F-page 77
dsPIC30F3010/3011
11.0
TIMER4/5 MODULE
This section describes the second 32-bit general
purpose timer module (Timer4/5) and associated
operational modes. Figure 11-1 depicts the simplified
block
diagram
of
the
32-bit
Timer4/5
module.
Figure 11-2 and Figure 11-3 show Timer4/5 configured
as two independent 16-bit timers, Timer4 and Timer5,
respectively.
The Timer4/5 module is similar in operation to the
Timer2/3
module.
However,
there
are
some
differences, which are as follows:
• The Timer4/5 module does not support the ADC
event trigger feature
• Timer4/5 can not be utilized by other peripheral
modules such as input capture and output compare
The operating modes of the Timer4/5 module are
determined by setting the appropriate bit(s) in the 16-bit
T4CON and T5CON SFRs.
For 32-bit timer/counter operation, Timer4 is the lsw
and Timer5 is the msw of the 32-bit timer.
FIGURE 11-1:
32-BIT TIMER4/5 BLOCK DIAGRAM
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals,
register
descriptions
and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046).
Note:
Timer4 is a ‘Type B’ timer and Timer5 is a
‘Type C’ timer. Please refer to appropriate
timer type in Section 23.0 “Electrical
Characteristics”.
Note:
For 32-bit timer operation, T5CON control
bits are ignored. Only T4CON control bits
are used for setup and control. Timer4
clock and gate inputs are utilized for the
32-bit timer module, but an interrupt is
generated with the Timer5 Interrupt Flag
(T5IF) and the interrupt is enabled with the
Timer5 Interrupt Enable bit (T5IE).
TMR5
TMR4
T5IF
Equal
Comparator x 32
PR5
PR4
Reset
LSB
MSB
Event Flag
Note:
Timer configuration bit, T32 T4CON(<3>), must be set to ‘1’ for a 32-bit timer/counter operation. All
control bits are respective to the T4CON register.
The dsPIC30F3010/3011 devices do not have external pin inputs to Timer4 or Timer5. In these devices,
the following modes should not be used:
1. TCS = 1
2. TCS = 0 and TGATE = 1 (Gated Time Accumulation)
Data Bus<15:0>
TMR5HLD
Read TMR4
Write TMR4
16
16
16
Q
QD
CK
TGATE(T4CON<6>)
(T4CON<6>)
TGATE
0
1
TON
TCKPS<1:0>
Prescaler
1, 8, 64, 256
2
TCY
1 x
0 1
0 0
Gate
Sync
Sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com