Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F3010 Datasheet(PDF) 91 Page - Microchip Technology

Part # DSPIC30F3010
Description  High-Performance,16-Bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F3010 Datasheet(HTML) 91 Page - Microchip Technology

Back Button DSPIC30F3010 Datasheet HTML 87Page - Microchip Technology DSPIC30F3010 Datasheet HTML 88Page - Microchip Technology DSPIC30F3010 Datasheet HTML 89Page - Microchip Technology DSPIC30F3010 Datasheet HTML 90Page - Microchip Technology DSPIC30F3010 Datasheet HTML 91Page - Microchip Technology DSPIC30F3010 Datasheet HTML 92Page - Microchip Technology DSPIC30F3010 Datasheet HTML 93Page - Microchip Technology DSPIC30F3010 Datasheet HTML 94Page - Microchip Technology DSPIC30F3010 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 228 page
background image
© 2010 Microchip Technology Inc.
DS70141F-page 91
dsPIC30F3010/3011
14.0
QUADRATURE ENCODER
INTERFACE (QEI) MODULE
This section describes the Quadrature Encoder
Interface (QEI) module and associated operational
modes. The QEI module provides the interface to
incremental encoders for obtaining mechanical position
data.
The operational features of the QEI include:
• Three input channels for two phase signals and
index pulse
• 16-bit up/down position counter
• Count direction status
• Position Measurement (x2 and x4) mode
• Programmable digital noise filters on inputs
• Alternate 16-Bit Timer/Counter mode
• Quadrature Encoder Interface interrupts
These operating modes are determined by setting the
appropriate
bits
QEIM<2:0>
(QEICON<10:8>).
Figure 14-1 depicts the Quadrature Encoder Interface
block diagram.
FIGURE 14-1:
QUADRATURE ENCODER INTERFACE BLOCK DIAGRAM
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals,
register
descriptions
and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046).
16-Bit Up/Down Counter
Comparator/
Max Count Register
Quadrature
Programmable
Digital Filter
QEA
Programmable
Digital Filter
INDX
Up/Down(1)
3
Encoder
Programmable
Digital Filter
QEB
Interface Logic
QEIM<2:0>
Mode Select
3
(POSCNT)
(MAXCNT)
QEIIF
Event
Flag
Reset
Equal
2
TCY
1
0
TQCS
TQCKPS<1:0>
2
1, 8, 64, 256
Prescaler
Q
Q
D
CK
TQGATE
QEIM<2:0>
Synchronize
Det
1
0
Sleep Input
0
1
UPDN_SRC
QEICON<11>
Zero Detect
Note
1:
In dsPIC30F3010/3011, the UPDN pin is not available. Up/Down logic bit can still be polled by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com