Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1008PS Datasheet(PDF) 10 Page - Microchip Technology

Part # 1008PS
Description  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1008PS Datasheet(HTML) 10 Page - Microchip Technology

Back Button 1008PS Datasheet HTML 6Page - Microchip Technology 1008PS Datasheet HTML 7Page - Microchip Technology 1008PS Datasheet HTML 8Page - Microchip Technology 1008PS Datasheet HTML 9Page - Microchip Technology 1008PS Datasheet HTML 10Page - Microchip Technology 1008PS Datasheet HTML 11Page - Microchip Technology 1008PS Datasheet HTML 12Page - Microchip Technology 1008PS Datasheet HTML 13Page - Microchip Technology 1008PS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MCP16321/2
DS22285A-page 10
© 2011 Microchip Technology Inc.
Note:
Unless otherwise indicated, VIN = 12V, EN = Floating (Internally pulled up), CIN = 20 µF, COUT =2x22 µF,
L = 4.7 µH (XAL6060-472MEB), ILOAD =200 mA, TA =+25°C. MCP16321 maximum output current = 1A.
FIGURE 2-19:
Shutdown Current vs. Input
Voltage.
FIGURE 2-20:
Shutdown Current vs.
Temperature.
FIGURE 2-21:
Output Voltage vs.
Temperature.
FIGURE 2-22:
Oscillator Frequency vs.
Temperature (IOUT =300 mA).
FIGURE 2-23:
Input Quiescent Current vs.
Temperature (No Load, Switching).
FIGURE 2-24:
Input Current vs.
Temperature (No Load, No Switching).
0
1
2
3
4
5
6
7
8
6
10141822
V
IN (V)
4.45
4.50
4.55
4.60
4.65
4.70
4.75
4.80
4.85
4.90
-40
-10
20
50
80
110
Ambient Temperature (°C)
3.284
3.286
3.288
3.290
3.292
3.294
3.296
3.298
3.300
-40
-10
20
50
80
110
Ambient Temperature (°C)
I
OUT = 0.1A
I
OUT = 1A
980
985
990
995
1000
1005
1010
1015
1020
-40
-10
20
50
80
110
Ambient Temperature (°C)
5.20
5.25
5.30
5.35
5.40
5.45
5.50
-40
-10
20
50
80
110
Ambient Temperature (°C)
I
OUT = 0A
2.28
2.30
2.32
2.34
2.36
2.38
2.40
2.42
-40
-10
20
50
80
110
Ambient Temperature (°C)
I
OUT = 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com