Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1008PS Datasheet(PDF) 14 Page - Microchip Technology

Part # 1008PS
Description  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1008PS Datasheet(HTML) 14 Page - Microchip Technology

Back Button 1008PS Datasheet HTML 10Page - Microchip Technology 1008PS Datasheet HTML 11Page - Microchip Technology 1008PS Datasheet HTML 12Page - Microchip Technology 1008PS Datasheet HTML 13Page - Microchip Technology 1008PS Datasheet HTML 14Page - Microchip Technology 1008PS Datasheet HTML 15Page - Microchip Technology 1008PS Datasheet HTML 16Page - Microchip Technology 1008PS Datasheet HTML 17Page - Microchip Technology 1008PS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
MCP16321/2
DS22285A-page 14
© 2011 Microchip Technology Inc.
3.6
Enable Pin (EN)
The EN input pin is a logic-level input used to enable or
disable the device. A logic high (> 2.2V) will enable the
regulator output, while a logic low (< 0.8V) will ensure
that the regulator is disabled. This pin is internally
pulled up to an internal reference and will be enabled
when VIN > UVLO, unless the EN pin is pulled low. The
maximum input voltage applied to the EN pin should
not exceed 6V.
3.7
BOOST Pin (BOOST)
This pin will provide the bootstrap voltage required for
driving the upper internal NMOS switch of the buck
regulator. An external ceramic capacitor placed
between the BOOST input pin and the SW pin will
provide the necessary drive voltage for the upper
switch. During steady state operation, the capacitor is
recharged on every low-side, synchronous switching
cycle. If the Switch mode approaches 100% duty cycle
for the high-side MOSFET, the device will automatically
reduce the duty cycle switch to a minimum off time of
240 ns on every 8th cycle to recharge the boost
capacitor.
3.8
Power Ground Pin (PGND)
This is a separate ground connection used for the low-
side synchronous switch to isolate switching noise from
the rest of the device.
3.9
Exposed Thermal Pad (EP)
There is no internal electrical connection between the
Exposed Thermal Pad (EP) and the PGND and SGND
pins. The EP must be connected to GND on the Printed
Circuit Board (PCB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com