Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPS5015 Datasheet(PDF) 22 Page - Microchip Technology

Part # LPS5015
Description  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LPS5015 Datasheet(HTML) 22 Page - Microchip Technology

Back Button LPS5015 Datasheet HTML 18Page - Microchip Technology LPS5015 Datasheet HTML 19Page - Microchip Technology LPS5015 Datasheet HTML 20Page - Microchip Technology LPS5015 Datasheet HTML 21Page - Microchip Technology LPS5015 Datasheet HTML 22Page - Microchip Technology LPS5015 Datasheet HTML 23Page - Microchip Technology LPS5015 Datasheet HTML 24Page - Microchip Technology LPS5015 Datasheet HTML 25Page - Microchip Technology LPS5015 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
MCP16321/2
DS22285A-page 22
© 2011 Microchip Technology Inc.
5.0.9
PCB LAYOUT INFORMATION
Good printed circuit board layout techniques are
important to any switching circuitry, and switching
power supplies are no different. When wiring the
switching high-current paths, short and wide traces
should be used. Therefore, it is important that the input
and output capacitors be placed as close as possible to
the MCP16321/2 to minimize the loop area.
The feedback resistors and feedback signal should be
routed away from the switching node and the switching
current loop. When possible, ground planes and traces
should be used to help shield the feedback signal and
minimize noise and magnetic interference.
A good MCP16321/2 layout starts with CIN placement.
CIN supplies current to the input of the circuit when the
switch is turned on. In addition to supplying high-
frequency switch current, CIN also provides a stable
voltage source for the internal MCP16321/2 circuitry.
Unstable PWM operation can result if there are
excessive transients or ringing on the VIN pin of the
MCP16321/2 device. In Figure 5-1, CIN is placed close
to the VIN pins. A ground plane on the bottom of the
board provides a low resistive and low inductive path
for the return current. The next priority in placement is
the freewheeling current loop formed by COUT and L
while strategically placing the COUT return close to CIN
return. Next, CBOOST should be placed between the
boost pin and the switch node pin. This leaves space
close to the MCP16321/2 VFB pin to place RTOP and
RBOT. RTOP and RBOT are routed away from the switch
node so noise is not coupled into the high-impedance
VFB input.
FIGURE 5-1:
Recommended Layout.
VOUT
GND
GND
CIN
COUT
COUT
RBOT RTOP
10
Ω
RPG
CBOOST
Bottom layer is ground plane
Trace on
bottom layer
CIN
VIN
L
MCP16321/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com