Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPS5015 Datasheet(PDF) 11 Page - Microchip Technology

Part # LPS5015
Description  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LPS5015 Datasheet(HTML) 11 Page - Microchip Technology

Back Button LPS5015 Datasheet HTML 7Page - Microchip Technology LPS5015 Datasheet HTML 8Page - Microchip Technology LPS5015 Datasheet HTML 9Page - Microchip Technology LPS5015 Datasheet HTML 10Page - Microchip Technology LPS5015 Datasheet HTML 11Page - Microchip Technology LPS5015 Datasheet HTML 12Page - Microchip Technology LPS5015 Datasheet HTML 13Page - Microchip Technology LPS5015 Datasheet HTML 14Page - Microchip Technology LPS5015 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
© 2011 Microchip Technology Inc.
DS22285A-page 11
MCP16321/2
Note:
Unless otherwise indicated, VIN = 12V, EN = Floating (Internally pulled up), CIN =20 µF, COUT =2x22 µF,
L = 4.7 µH (XAL6060-472MEB), ILOAD =200 mA, TA =+25°C. MCP16321 maximum output current = 1A.
FIGURE 2-25:
Maximum VIN to VOUT Ratio
for Continuous Switching.
FIGURE 2-26:
Light Load Switching
Waveforms.
FIGURE 2-27:
Heavy Load Switching
Waveforms.
FIGURE 2-28:
Startup From Enable.
FIGURE 2-29:
Startup From VIN.
FIGURE 2-30:
Load Transient Response.
0
5
10
15
20
25
30
0.9
1.2
1.5
1.8
2.1
V
OUT (V)
Typical Mininimum Duty Cycle = 7%
VOUT = 3.3V
IOUT = 50 mA
VIN = 12V
VOUT = 3.3V
IOUT = 500 mA
VIN = 12V
VOUT = 3.3V
IOUT = 200 mA
VIN = 12V
VOUT = 3.3V
IOUT = 200 mA
VIN = 12V
VOUT = 3.3V
IOUT = 100 mA to 600 mA
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com