Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4981B Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4981B
Description  POWER FACTOR CORRECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4981B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4981B Datasheet HTML 3Page - STMicroelectronics L4981B Datasheet HTML 4Page - STMicroelectronics L4981B Datasheet HTML 5Page - STMicroelectronics L4981B Datasheet HTML 6Page - STMicroelectronics L4981B Datasheet HTML 7Page - STMicroelectronics L4981B Datasheet HTML 8Page - STMicroelectronics L4981B Datasheet HTML 9Page - STMicroelectronics L4981B Datasheet HTML 10Page - STMicroelectronics L4981B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Figure 3: MULTI-OUT vs. IAC (VRMS = 4.4V;
VLFFD = 5.1V)
Figure 4: MULTI-OUT vs. IAC (VRMS = 5.3V;
VLFFD = 5.1V)
Figure 6: MULTI-OUT vs. IAC (VRMS = 2.2V;
VLFFD = 2.5V)
Figure 5: MULTI-OUT vs. IAC (VRMS = 1.7V;
VLFFD = 2.5V)
Figure 7: MULTI-OUT vs. IAC (VRMS = 4.4V;
VLFFD = 2.5V)
Figure 8: MULTI-OUT vs. IAC (VRMS = 5.3V;
VLFFD = 2.5V)
L4981A - L4981B
7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com