Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4981B Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4981B
Description  POWER FACTOR CORRECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4981B Datasheet(HTML) 4 Page - STMicroelectronics

  L4981B Datasheet HTML 1Page - STMicroelectronics L4981B Datasheet HTML 2Page - STMicroelectronics L4981B Datasheet HTML 3Page - STMicroelectronics L4981B Datasheet HTML 4Page - STMicroelectronics L4981B Datasheet HTML 5Page - STMicroelectronics L4981B Datasheet HTML 6Page - STMicroelectronics L4981B Datasheet HTML 7Page - STMicroelectronics L4981B Datasheet HTML 8Page - STMicroelectronics L4981B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ELECTRICAL CHARACTERISTICS (Unless otherwise specified VCC = 18V, COSC = 1nF,
ROSC = 24K
Ω, CSS = 1µF, VCA-OUT = 3.5V, VISENSE = 0V, VLFF = VREF, IAC = 100µA, VRMS = 1V,
VFEED = GND, VIPK = 1V, VOVP = 1V, TJ = 25
°C
Symbol
Prameter
Test Condition
Min.
Typ.
Max.
Unit
ERROR AMPLIFIER SECTION
VIO
Input Offset Voltage
–25
°C < TJ < 85°C
±8mV
IIB
Input Bias Current
VFEED = 0V
-500
-50
500
nA
Open Loop Gain
70
100
dB
V13H
Output High voltage
VFEED = 4.7V
IVA-OUT = -0.5mA
5.5
6.5
7.5
V
V13L
Output Low Voltage
VFEED = 5.5V
IVA-OUT = 0.5mA
0.4
1
V
-I13
Output Source Current
VFEED = 4.7V; VVA-OUT = 3.5V
2
10
mA
I13
Output Sink Current
VFEED = 5.5V; VVA-OUT = 3.5V
4
20
mA
REFERENCE SECTION
Vref
Reference Output Voltage
–25
°C < TJ < 85°C
4.97
5.1
5.23
V
Tj = 25
°C Iref = 0
5.01
5.1
5.19
V
∆Vref
Load Regulation
1mA
≤ Iref ≤ 10mA
–25
°C < TJ < 85°C
315
mV
∆Vref
Line Regulation
12V
≤ VCC ≤ 19V
–25
°C < TJ < 85°C
310
mV
Iref sc
Short Circuit Current
Vref = 0V
20
30
50
mA
OSCILLATOR SECTION
fosc
Initial Accuracy
Tj = 25
°C
85
100
115
KHz
Frequency Stability
12V
≤ VCC ≤ 19V
–25
°C < TJ < 85°C
80
100
120
KHz
Vsvp
Ramp Valley to Peak
4.7
5
5.3
V
I18C
Charge Current
VCOSC = 3.5V
0.45
0.55
0.65
mA
I18D
Discharge Current
VCOSC = 3.5V
11.5
mA
V18
Ramp Valley Voltage
0.9
1.15
1.4
V
SYNC SECTION (Only for L4981A)
tW
Output Pulse Width
50% Amplitude
0.3
0.8
µs
I16
Sink Current with Low Output
Voltage
VSYNC = 0.4V
VCOSC = 0V
0.4
0.8
mA
-I16
Source Current with High Output
Voltage
VSYNC = 4.5V
VCOSC = 6.7V
16
mA
V16L
Low Input Voltage
0.9
V
V16H
High Input Voltage
3.5
V
td
Pulse for Synchronization
800
ns
FREQUENCY MODULATION FUNCTION (Only for L4981B)
f18max
Maximum Oscillation Frequency
VFREQ-MOD = 0V (Pin 16) Ifreq = 0
85
100
115
KHz
f18min
Minimum Oscillator Frequency
IFREQ-MOD = 360
µA (Pin 16)
VVRMS = 4V (Pin 7)
74
KHz
IFREQ-MOD = 180
µA (Pin 16)
VVRMS = 2V (Pin 7)
76
KHz
SOFT START SECTION
ISS
Soft Start Source Current
VSS = 3V
60
100
140
µA
V12sat
Output Saturation Voltage
V3 = 6V, ISS = 2mA
0.1
0.25
V
L4981A - L4981B
4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com