Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS404CN Datasheet(PDF) 7 Page - STMicroelectronics

Part # LS404CN
Description  HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS404CN Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LS404CN Datasheet HTML 3Page - STMicroelectronics LS404CN Datasheet HTML 4Page - STMicroelectronics LS404CN Datasheet HTML 5Page - STMicroelectronics LS404CN Datasheet HTML 6Page - STMicroelectronics LS404CN Datasheet HTML 7Page - STMicroelectronics LS404CN Datasheet HTML 8Page - STMicroelectronics LS404CN Datasheet HTML 9Page - STMicroelectronics LS404CN Datasheet HTML 10Page - STMicroelectronics LS404CN Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LS404
7/11
Fixed R = R1 = R2, we have (see figure 13)
Figure 13 : Filter Configuration
Three parameters are needed to characterize the
frequency and phase response of a 2nd order ac-
tive filter: the gain (Gv), the damping factio (
ξ) or
the Q factor (Q = 2
ξ)1), and the cuttoff frequency
(fc).
The higher order response are obtained with a se-
ries of 2nd order sections. A simple RC section is
introduced when an odd filter is required.
The choice of ’
ξ' (or Q factor) determines the filter
response (see table 1).
Table 1
EXAMPLE
Figure 14 : 5th Order Low-pass Filter (Butterworth) with Unity Gain configuration
C1 =
1
R
----
ζ
ωc
-------
C 2 =
1
R
----
1
ξωc
-----------
C2
R2
R1
Vin
C1
Vout
Filter Response
ξ
Q
Cuttoff Frequency fc
Bessel
Frequency at which Phase Shift is -90°C
Butterworth
Frequency at which Gv = -3dB
Chebyschev
Frequency at which the amplitude response
passes through specified max. ripple band and
enters the stop bank.
3
2
-------
1
3
-------
2
2
-------
1
2
-------
2
2
-------
1
2
-------
C2
R2
R1
C1
Ri
Ci
C4
R4
R3
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com