Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS404CN Datasheet(PDF) 1 Page - STMicroelectronics

Part # LS404CN
Description  HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS404CN Datasheet(HTML) 1 Page - STMicroelectronics

  LS404CN Datasheet HTML 1Page - STMicroelectronics LS404CN Datasheet HTML 2Page - STMicroelectronics LS404CN Datasheet HTML 3Page - STMicroelectronics LS404CN Datasheet HTML 4Page - STMicroelectronics LS404CN Datasheet HTML 5Page - STMicroelectronics LS404CN Datasheet HTML 6Page - STMicroelectronics LS404CN Datasheet HTML 7Page - STMicroelectronics LS404CN Datasheet HTML 8Page - STMicroelectronics LS404CN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
s SINGLE OR SPLIT SUPPLY OPERATION
s LOW POWER CONSUMPTION
s SHORT CIRCUIT PROTECTION
s LOW DISTORTION, LOW NOISE
s HIGH GAIN-BANDWIDTH PRODUCT
s HIGH CHANNEL SEPARATION
DESCRIPTION
The LS404 is a high performance quad operation-
al amplifier with frequency and phase compensa-
tion built into the chip. The internal phase compen-
sation allows stable operation as voltage follower
in spite of its high Gain-Bandwidth Product.
The circuit presents very stable electrical charac-
teristics over the entire supply voltage range, and
is particularly intended for professional and tele-
com applications (active filter, etc).
The patented input stage circuit allows small input
signal swings below the negative supply voltage
and prevents phase inversion when the inputs are
over drivers.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
ND
LS404C
0°C, +70°C
••
LS404I
-40°C, +105°C
••
LS404M
-55°C, +125°C
••
Example : LS204CN
N
DIP14
(Plastic Package)
D
SO14
(Plastic Micropackage)
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
HIGH PERFORMANCE
QUAD OPERATIONAL AMPLIFIER
November 2001
LS404


Similar Part No. - LS404CN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LS404C STMICROELECTRONICS-LS404C Datasheet
209Kb / 12P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
Dec-1997
More results

Similar Description - LS404CN

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3403 NEC-UPC3403 Datasheet
270Kb / 8P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
UPC4741 NEC-UPC4741 Datasheet
274Kb / 10P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER????
logo
NXP Semiconductors
NE5514 PHILIPS-NE5514 Datasheet
54Kb / 3P
Quad high-performance operational amplifier
August 31, 1994
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N Datasheet
113Kb / 5P
High-Performance Quad Operational Amplifier
logo
STMicroelectronics
TS274 STMICROELECTRONICS-TS274_08 Datasheet
158Kb / 14P
High performance CMOS quad operational amplifier
01-Feb-2008
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N_06 Datasheet
141Kb / 5P
High-Performance Quad Operational Amplifier
LA6324NJM SANYO-LA6324NJM Datasheet
187Kb / 5P
High-Performance Quad Operational Amplifier
LA6324N SANYO-LA6324N_12 Datasheet
110Kb / 5P
High-Performance Quad Operational Amplifier
logo
Renesas Technology Corp
PC3403 RENESAS-PC3403_15 Datasheet
310Kb / 10P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LA6324N ONSEMI-LA6324N Datasheet
128Kb / 5P
High-Performance Quad Operational Amplifier
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com