Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STFI130N10F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STFI130N10F3
Description  N-channel 100 V, 7.8 m廓 typ., 120 A STripFET?줚II Power MOSFET in TO-220FP, I짼PAKFP, H짼PAK-2 and TO-220 packages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI130N10F3 Datasheet(HTML) 3 Page - STMicroelectronics

  STFI130N10F3 Datasheet HTML 1Page - STMicroelectronics STFI130N10F3 Datasheet HTML 2Page - STMicroelectronics STFI130N10F3 Datasheet HTML 3Page - STMicroelectronics STFI130N10F3 Datasheet HTML 4Page - STMicroelectronics STFI130N10F3 Datasheet HTML 5Page - STMicroelectronics STFI130N10F3 Datasheet HTML 6Page - STMicroelectronics STFI130N10F3 Datasheet HTML 7Page - STMicroelectronics STFI130N10F3 Datasheet HTML 8Page - STMicroelectronics STFI130N10F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
STF130N10F3, STFI130N10F3, STH130N10F3-2, STP130N10F3
Electrical ratings
Doc ID 018492 Rev 3
3/23
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220FP
I²PAKFP
H²PAK-2
TO-220
VDS
Drain-source voltage
100
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
Current limited by package.
Drain current (continuous) at TC = 25°C
46
120
A
ID
(1)
Drain current (continuous) at TC=100°C
29
78
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
184
450
A
PTOT
Total dissipation at TC = 25°C
35
250
W
dv/dt
Peak diode recovery voltage slope
22
V/ns
VISO
Insulation withstand voltage (RMS) from
all three leads to external heat sink (t = 1
s; TC = 25 °C)
2500
V
EAS
(3)
3.
Starting Tj = 25 °C, ID = 50 A, VDD = 50 V for TO-220 and H
2PAK-2; Starting Tj = 25 °C, I
D = 29 A,
VDD = 60 V for I
2PAKFP and TO-220FP.
Single pulse avalanche energy
125
mJ
Tj
Tstg
Operating junction temperature
storage temperature
- 55 to 175
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-220FP
I²PAKFP
H²PAK-2
TO-220
Rthj-case
Thermal resistance junction-case
4.3
0.6
0.6
°C/W
Rthj-a
Thermal resistance junction-ambient
62.5
62.5
°C/W
Rthj-pcb(1)
1.
When mounted on FR-4 board, on 1inch², 2oz Cu.
Thermal resistance junction-pcb
35
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com