Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ELJPC100MF3 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELJPC100MF3
Description  Fixed Inductors Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPC100MF3 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELJPC100MF3 Datasheet HTML 1Page - Panasonic Semiconductor ELJPC100MF3 Datasheet HTML 2Page - Panasonic Semiconductor ELJPC100MF3 Datasheet HTML 3Page - Panasonic Semiconductor ELJPC100MF3 Datasheet HTML 4Page - Panasonic Semiconductor ELJPC100MF3 Datasheet HTML 5Page - Panasonic Semiconductor ELJPC100MF3 Datasheet HTML 6Page - Panasonic Semiconductor ELJPC100MF3 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.6±0.2
3.2±0.3
Marking
4.0 to 4.6
1.6 to 2.0
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(μH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJPA1R0MF
1.0
M : ±20 %
7.96
7
7.96
150
0.15
600
ELJPA1R5MF
1.5
110
0.18
550
ELJPA2R2MF
2.2
80
0.23
500
ELJPA3R3MF
3.3
58
0.28
400
ELJPA4R7MF
4.7
46
0.34
350
ELJPA6R8MF
6.8
38
0.42
300
ELJPA100KF
10
K : ±10 %
2.52
15
2.52
23
0.50
240
ELJPA120KF
12
21
0.60
230
ELJPA150KF
15
18
0.74
220
ELJPA180KF
18
17
0.90
205
ELJPA220KF
22
15
1.15
185
ELJPA270KF
27
13
1.45
165
ELJPA330KF
33
12
1.65
155
ELJPA390KF
39
11
1.90
145
ELJPA470KF
47
9.5
2.25
135
ELJPA560KF
56
8.5
3.30
110
ELJPA680KF
68
7.5
3.70
105
ELJPA820KF
82
7.0
4.20
100
ELJPA101KF
100
0.796
20
0.796
6.5
5.00
90
ELJPA121KF
120
6.0
7.00
75
ELJPA151KF
150
5.5
8.00
70
ELJPA181KF
180
5.0
9.50
65
ELJPA221KF
220
4.0
11.0
60
ELJPA271KF
270
3.5
14.5
55
ELJPA331KF
330
3.0
16.0
50
● Recommended Land Pattern in mm (not to scale)
● Dimensions in mm (not to scale)
■ Standard Packing Quantity
● 2000 pcs./Reel
■ Standard Parts(PA Type)
Part No.
Inductance
Self Resonant
Frequency
(MHz) min.
DC Resistance
(
Ω)
Rated
Current ✽1
(mA) max.
Saturation
Rated Current ✽2
(mA) max.
(μH)
Tolerance
(%)
Test Freq.
(MHz)
ELJPA1R0MF2
1.0
M : ±20 %
1
130
0.085 ±30 %
1150
1200
ELJPA2R2MF2
2.2
70
0.17 ±30 %
800
800
ELJPA3R3MF2
3.3
42
0.19 ±30 %
750
690
ELJPA4R7MF2
4.7
35
0.23 ±30 %
700
580
ELJPA6R8MF2
6.8
28
0.28 ±30 %
620
530
ELJPA100KF2
10
K : ±10 %
23
0.35 ±20 %
590
400
ELJPA220KF2
22
15
0.66 ±20 %
420
290
ELJPA330KF2
33
12
1.05 ±20 %
330
240
ELJPA470KF2
47
9.5
1.75 ±20 %
260
200
ELJPA680KF2
68
7.5
3.20 ±20 %
190
160
ELJPA101KF2
100
6.5
3.90 ±20 %
175
130
ELJPA221KF2
220
4.0
8.70 ±20 %
115
85
■ Standard Parts(PA□2 Type)
✽1 Rated current is defined by maximum temperature rise of 40 Celsius.
✽2 Saturation Rated Current is defined by 30% change of inductance. -dL/L<-30%
✽1 : Self Resonant Frequency ✽2 : DC Resistance
■ PA Type 3225 (1210)/PA□2 Type 3225 (1210)
Sep. 2012
03
23



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com