Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ELJPC100MF3 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELJPC100MF3
Description  Fixed Inductors Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPC100MF3 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELJPC100MF3 Datasheet HTML 1Page - Panasonic Semiconductor ELJPC100MF3 Datasheet HTML 2Page - Panasonic Semiconductor ELJPC100MF3 Datasheet HTML 3Page - Panasonic Semiconductor ELJPC100MF3 Datasheet HTML 4Page - Panasonic Semiconductor ELJPC100MF3 Datasheet HTML 5Page - Panasonic Semiconductor ELJPC100MF3 Datasheet HTML 6Page - Panasonic Semiconductor ELJPC100MF3 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.2±0.1
0.2±0.1
1.0±0.05
0.5±0.05
1.5 to 1.7
0.5 to 0.6
2.0 to 2.6
0.8 to 1.0
1.6
0.8
0.3
0.3
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(nH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJPF2N2DFB
2.2
D : ±0.3 nH
100
7
100
5300
0.040
1900
ELJPF2N7DFB
2.7
5300
0.050
1800
ELJPF3N3DFB
3.3
5000
0.070
1500
ELJPF3N9DFB
3.9
4800
0.080
1400
ELJPF4N7DFB
4.7
4600
0.100
1300
ELJPF5N6DFB
5.6
4200
0.120
1200
ELJPF6N8JFB
6.8
J : ± 5 %
4000
0.160
1100
ELJPF8N2JFB
8.2
3700
0.210
900
ELJPF10NJFB
10
3200
0.260
750
● Recommended Land Pattern in mm (not to scale)
● Dimensions in mm (not to scale)
■ PF Type 1005 (0402)
✽1 : Self Resonant Frequency ✽2 : DC Resistance
■ Standard Packing Quantity
● 10000 pcs./Reel
■ Standard Parts
■ PE Type 1608 (0603)
● Recommended Land Pattern in mm (not to scale)
● Dimensions in mm (not to scale)
■ Standard Packing Quantity
● 3000 pcs./Reel
■ Standard Parts (E12 Series)
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(nH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJPE2N2KFA
2.2
K : ± 10 %
100
8
100
6000
0.030
2100
ELJPE2N7KFA
2.7
8
5500
0.030
2100
ELJPE3N3KFA
3.3
8
5500
0.040
2100
ELJPE3N9KFA
3.9
9
5200
0.040
2100
ELJPE4N7KFA
4.7
9
4800
0.050
2100
ELJPE5N6KFA
5.6
9
4600
0.055
2100
ELJPE6N8KFA
6.8
9
4000
0.055
1900
ELJPE8N2KFA
8.2
9
3500
0.060
1700
ELJPE10NKFA
10
9
2800
0.065
1400
ELJPE12NKFA
12
9
2500
0.080
1300
ELJPE15NKFA
15
9
2200
0.100
900
ELJPE18NKFA
18
9
2000
0.120
800
ELJPE22NKFA
22
9
1800
0.150
700
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Sep. 2012
03
21



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com