Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DDFME-100 Datasheet(PDF) 10 Page - ITT Industries

Part # DDFME-100
Description  Defining and Champooning Innivation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DDFME-100 Datasheet(HTML) 10 Page - ITT Industries

Back Button DDFME-100 Datasheet HTML 6Page - ITT Industries DDFME-100 Datasheet HTML 7Page - ITT Industries DDFME-100 Datasheet HTML 8Page - ITT Industries DDFME-100 Datasheet HTML 9Page - ITT Industries DDFME-100 Datasheet HTML 10Page - ITT Industries DDFME-100 Datasheet HTML 11Page - ITT Industries DDFME-100 Datasheet HTML 12Page - ITT Industries DDFME-100 Datasheet HTML 13Page - ITT Industries DDFME-100 Datasheet HTML 14Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
D Cannon D-Subminiature Accessories
8
www.ittcannon.com
Dimensionsshowninmm(inch)
Specificationsanddimensionssubjecttochange
3,05 ± 0,13 (.120 ± .005) DIA.
TWO MTG. HOLES
F
(TYP.)
A
C
B
E
CABLE
ENTRY
0,38 ± 0,13
(.015 ± .005)
G
12,30 ± 0,38
(.484 ± .015)
B
A
C
#4-40
NC-2B THD.
TWO MTG. HOLES
E
CABLE ENTRY
F
CABLE
ENTRY
2,77 ± 0,25
(.109 ± .010)
G
H
Short Straight Clamp
• Kit consists of 1 shell, 2 or 3 screws,
2 or 3 hex nuts
No. of
Shell
Part
Mil Spec
Cable Locking
AB
C
E
F
G
Size Layout
Number
Part Number*
Screws Included
±0,38 (.015)
±0,38 (.015)
±0,13 (.005)
±0,38 (.015)
±0,38 (.015)
±0,98 (.035)
DA
15
DA19678-1
M85049/48-3-2F
2
38,88 (1.531)
12,70 (.500)
33,33 (1.312)
7,51 (.296)
7.93 (.312)
16,36 (.644)
DB
25
DB19678-2
M85049/48-3-3F
2
52,78 (2.078)
12,70 (.500))
47,04 (1.852)
7,51 (.296)
20,22 (.796)
16,36 (.644)
DC
37
DC19678-3
M85049/48-3-4F
3
69,04 (2.718)
12,70 (.500)
63,50 (2.500)
7,51 (.296)
17,45 (.687)
16,36 (.644)
DD
50
DD19678-4
M85049/48-3-5F
3
66,68 (2.625)
15,47 (.690)
61,11 (2.406)
9,91 (.390)
17,45 (.687)
17,63 (.694)
* Parts ordered with no suffix or “Z” suffix will be substituted with “F” suffix.
90º Entry
• Kit consists of 1 shell, 1 cable clamp, 1
screw,
1 nut, 2 rivnuts (assembled)
Shell
Part
Mil Spec
AB
C
E
F
G
H
Size Layout
Number
Part Number*
±0,38 (.015)
±0,38 (.015)
±0,13 (.005)
±0,38 (.015)
±0,38 (.015)
±0,98 (.035)
DE
9
DE19977-5
M85049/50-1F
30,56 (1.203)
18,24 (.718)
24,99 (.984)
11,10 (.437)
11,10 (.437)
11,89 (.468)
7,14 (.281)
DA
15
DA19977-1
M85049/50-2F
38,89 (1.531)
12,70 (.500)
33,33 (1.312)
11,10 (.437)
11,10 (.437)
11,89 (.468)
7,14 (.281)
DB
25
DB19977-2
M85049/50-3F
52,78 (2.078)
12,70 (.500))
47,04 (1.852)
11,10 (.437)
15,88 (.625)
11,89 (.468)
7,14 (.281)
DC
37
DC19977-3
M85049/50-4F
69,04 (2.718)
12,70 (.500)
63,50 (2.500)
11,10 (.437)
20,63 (.812)
11,89 (.468)
7,14 (.281)
DD
50
DD19977-4
M85049/50-5F
66,68 (2.625)
15,47 (.690)
61,11 (2.406)
14,28 (.562)
23,01 (.906)
13,47 (.531)
8,71 (.343)
* Parts ordered with no suffix or “Z” suffix will be substituted with “F” suffix.
Mil-Spec Parts (Brass)
Brass
Shell RoHS Compliant
Mil-Spec
50
µ in. Gold
Size
Part Number
Part Number
Part Number
over Copper
DA
DA19678-212
M85049/48-3-7F
DA19678-38
DA19678-167
DB
DB19678-213
M85049/48-3-8F
DB19678-53
DA19678-168
DC
DC19678-214
M85049/48-3-9F
DC19678-85
DA19678-138
DD
DD19678-214
M85049/48-3-10F
DD19678-55
DA19678-161
Mil-Spec Parts (Brass)
Brass
Shell RoHS Compliant
Mil-Spec
50
µ in. Gold
Size
Part Number
Part Number
Part Number
over Copper
DE
DE19977-72
M85049/50-6F
DE19977-20
DE19977-47
DA
DA19977-68
M85049/50-7F
DA19977-6
DE19977-40
DB
DB19977-69
M85049/50-8F
DB19977-17
DE19977-43
DC
DC19977-70
M85049/50-9F
DC19977-18
DE19977-45
DD
DC19977-71
M85049/50-10F
DD19977-19
DE19977-44
Metal Backshell
D sub:Layout 1
3/24/09
12:37 PM
Page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com