Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DDFME-100 Datasheet(PDF) 16 Page - ITT Industries

Part # DDFME-100
Description  Defining and Champooning Innivation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DDFME-100 Datasheet(HTML) 16 Page - ITT Industries

Back Button DDFME-100 Datasheet HTML 12Page - ITT Industries DDFME-100 Datasheet HTML 13Page - ITT Industries DDFME-100 Datasheet HTML 14Page - ITT Industries DDFME-100 Datasheet HTML 15Page - ITT Industries DDFME-100 Datasheet HTML 16Page - ITT Industries DDFME-100 Datasheet HTML 17Page - ITT Industries DDFME-100 Datasheet HTML 18Page - ITT Industries DDFME-100 Datasheet HTML 19Page - ITT Industries DDFME-100 Datasheet HTML 20Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
D Cannon D-Subminiature Accessories
14
www.ittcannon.com
Dimensionsshowninmm(inch)
Specificationsanddimensionssubjecttochange
Locking Hardware
4,78
± 0,38
(.188
± .015)
Hex across Flats
#4-40 NC-2B THD.
6,35 (.250) APPROX.
REMOVE ONE WASHER
FOR EACH 0,76 (.030)
OF PANEL THICKNESS
WHEN REAR MOUNTING
1,52 (0.60) MAX. PANEL
REAR FLANGE (REF.)
#4-40 NC-2A THD
A
4,78
± 0,38
(.188
± .015)
5,00 (.197) HEX
(ACROSS FLATS)
3,50 (.138)
MIN
4,50
(.177)
5,75
(.226)
THD A
THD B
3,50
(.138)
MIN
• Kit consists of 1 nut, 3 washer, 1 lock
washer, 1 hex nut.
• Order 2 per connector.
Female Screw Lock
Front Panel Mount
Rear Panel Mount
NOTE: (1) A 6 inch/pound (female) and 4 inch/pound (male) maximum torque during assembly is recommended on steel screw
lock assemblies. (2) A third flat washer is supplied for front panel mounting of tab shell connectors.
Material:
Steel
Finish:
Chromate over Cadmium (Mil Spec)
or Zinc (RoHS)
Yellow Chromate Over Cadmium
Chromate Over Zinc
RoHS Compliant
A
Mil-Spec
each
Kit of 2 each
Kit of 2 each
Part Number
± 0,38 (.015)
Part Number
D20418-2
D20418-82
D20418-128
D20418-134
7,92 (.312)
M24308/26-1F
D20418-50
D20418-131
-
D20418-135
12,70 (.500)
-
D20418-39
D20418-83
D20418-129
D20418-136
15,88 (.625)
M24308/26-2F
D20418-74
D20418-132
-
D20418-137
19,05 (.750)
-
Part
Thread Type
Number
THD A
THD B
D121073-39
# 4-40 UNC-2B
# 4-40 UNC-2A
D112041 *
# 4-40 UNC-2B
# 4-40 UNC-2A
D121073-42
M3
M3
* without lock washer
Screw Locks for Connectors with Integral Threaded Inserts
• Kit consists of 1 jackpost, 1 lock washer.
• Order 2 per connector.
.120
.116
.192
.182
A
Loose Spacer
Dim A
Part Number: 253-0343-000 (D*M Style)
5.84 ± .08 (.230 ± .003)
Part Number: 253-0343-011 (D*MA Style)
9.40 ± .13 (.370 ± .005)
Material:
Aluminum
Finish:
Chromate over Cadmium
D sub:Layout 1
4/1/09
10:23 AM
Page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com