Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 321 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 321 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 317Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 318Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 319Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 320Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 321Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 322Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 323Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 324Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 325Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 408 page
background image
Serial Peripheral Interface (SPI)
I/O Signals
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Serial Peripheral Interface (SPI)
321
When an SPI is configured as a master, the SS input can be used in
conjunction with the MODF flag to prevent multiple masters from driving
MOSI and SPSCK. See Mode Fault Error. For the state of the SS pin to
set the MODF flag, the MODFEN bit in the SPSCK register must be set.
If the MODFEN bit is low for an SPI master, the SS pin can be used as
a general-purpose I/O under the control of the data direction register of
the shared I/O port. With MODFEN high, it is an input-only pin to the SPI
regardless of the state of the data direction register of the shared I/O
port.
The CPU can always read the state of the SS pin by configuring the
appropriate pin as an input and reading the port data register. See Table
20-3.
20.13.5 CGND (Clock Ground)
CGND is the ground return for the serial clock pin, SPSCK, and the
ground for the port output buffers. It is internally connected to VSS as
shown in Table 20-1.
Table 20-3. SPI Configuration
SPE
SPMSTR
MODFEN
SPI Configuration
State of SS Logic
0
X(1)
X
Not enabled
General-purpose I/O;
SS ignored by SPI
1
0
X
Slave
Input-only to SPI
1
1
0
Master without MODF
General-purpose I/O;
SS ignored by SPI
1
1
1
Master with MODF
Input-only to SPI
Note 1. X = Don’t care
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com