| Electronic Components Datasheet Search |
|
MC68HC908GR4MP Datasheet(PDF) 323 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC908GR4MP Datasheet(HTML) 323 Page - Freescale Semiconductor, Inc |
|
323 / 408 page ![]() Serial Peripheral Interface (SPI) I/O Registers MC68HC908GR8 — Rev 4.0 Technical Data MOTOROLA Serial Peripheral Interface (SPI) 323 SPRIE — SPI Receiver Interrupt Enable Bit This read/write bit enables CPU interrupt requests generated by the SPRF bit. The SPRF bit is set when a byte transfers from the shift register to the receive data register. Reset clears the SPRIE bit. 1 = SPRF CPU interrupt requests enabled 0 = SPRF CPU interrupt requests disabled DMAS —DMA Select Bit This read only bit has no effect on this version of the SPI. This bit always reads as a 0. 0 = SPRF DMA and SPTE DMA service requests disabled (SPRF CPU and SPTE CPU interrupt requests enabled) SPMSTR — SPI Master Bit This read/write bit selects master mode operation or slave mode operation. Reset sets the SPMSTR bit. 1 = Master mode 0 = Slave mode CPOL — Clock Polarity Bit This read/write bit determines the logic state of the SPSCK pin between transmissions. (See Figure 20-4 and Figure 20-6.) To transmit data between SPI modules, the SPI modules must have identical CPOL values. Reset clears the CPOL bit. CPHA — Clock Phase Bit This read/write bit controls the timing relationship between the serial clock and SPI data. (See Figure 20-4 and Figure 20-6.) To transmit data between SPI modules, the SPI modules must have identical CPHA values. When CPHA = 0, the SS pin of the slave SPI module must be set to logic 1 between bytes. See Figure 20-12. Reset sets the CPHA bit. SPWOM — SPI Wired-OR Mode Bit This read/write bit disables the pullup devices on pins SPSCK, MOSI, and MISO so that those pins become open-drain outputs. 1 = Wired-OR SPSCK, MOSI, and MISO pins 0 = Normal push-pull SPSCK, MOSI, and MISO pins Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |