Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 330 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 330 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 326Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 327Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 328Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 329Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 330Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 331Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 332Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 333Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 334Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 408 page
background image
Timebase Module (TBM)
Technical Data
MC68HC908GR8 — Rev 4.0
330
Timebase Module (TBM)
MOTOROLA
21.4 Functional Description
NOTE:
This module is designed for a 32.768 kHz oscillator.
This module can generate a periodic interrupt by dividing the crystal
frequency, CGMXCLK. The counter is initialized to all 0s when TBON bit
is cleared. The counter, shown in Figure 21-1, starts counting when the
TBON bit is set. When the counter overflows at the tap selected by
TBR2:TBR0, the TBIF bit gets set. If the TBIE bit is set, an interrupt
request is sent to the CPU. The TBIF flag is cleared by writing a 1 to the
TACK bit. The first time the TBIF flag is set after enabling the timebase
module, the interrupt is generated at approximately half of the overflow
period. Subsequent events occur at the exact period.
Figure 21-1. Timebase Block Diagram
÷2
÷2
÷2
÷2
÷2
÷2
÷2
÷2
÷2
÷2
÷2
÷2
÷2
÷2
CGMXCLK
0 0 0
0 0 1
0 1 0
0 1 1
TBIF
TBIE
TBMINT
TBON
÷2
R
1 0 0
1 0 1
1 1 0
1 1 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com