Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 329 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 329 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 325Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 326Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 327Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 328Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 329Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 330Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 331Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 332Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 333Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 408 page
background image
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Timebase Module (TBM)
329
Technical Data — MC68HC908GR8
Section 21. Timebase Module (TBM)
21.1 Contents
21.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 329
21.3
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 329
21.4
Functional Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 330
21.5
Timebase Register Description. . . . . . . . . . . . . . . . . . . . . . . . 331
21.6
Interrupts. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 332
21.7
Low-Power Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .333
21.2 Introduction
This section describes the timebase module (TBM). The TBM will
generate periodic interrupts at user selectable rates using a counter
clocked by the external crystal clock. This TBM version uses 15 divider
stages, eight of which are user selectable.
For further information regarding timers on M68HC08 family devices,
please consult the HC08 Timer Reference Manual, TIM08RM/AD.
21.3 Features
Features of the TBM module include:
•
Software programmable 1 Hz, 4 Hz, 16 Hz, 256 Hz, 512 Hz, 1024
Hz, 2048 Hz, and 4096 Hz periodic interrupt using external 32.768
kHz crystal
•
User selectable oscillator clock source enable during stop mode to
allow periodic wakeup from stop
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com