Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 331 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 331 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 327Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 328Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 329Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 330Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 331Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 332Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 333Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 334Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 335Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 408 page
background image
Timebase Module (TBM)
Timebase Register Description
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Timebase Module (TBM)
331
21.5 Timebase Register Description
The timebase has one register, the TBCR, which is used to enable the
timebase interrupts and set the rate.
TBIF — Timebase Interrupt Flag
This read-only flag bit is set when the timebase counter has rolled
over.
1 = Timebase interrupt pending
0 = Timebase interrupt not pending
TBR2:TBR0 — Timebase Rate Selection
These read/write bits are used to select the rate of timebase interrupts
as shown in Table 21-1.
Address:
$001C
Bit 7
654321
Bit 0
Read:
TBIF
TBR2
TBR1
TBR0
0
TBIE
TBON
Reserved
Write:
TACK
Reset:
00000000
= Unimplemented
Figure 21-2. Timebase Control Register (TBCR)
Table 21-1. Timebase Rate Selection for OSC1 = 32.768 kHz
TBR2
TBR1
TBR0
Divider
Timebase Interrupt Rate
Hz
ms
0
0
0
32,768
1
1000
0
0
1
8192
4
250
0
1
0
2048
16
62.5
0
1
1
128
256
~ 3.9
1
0
0
64
512
~2
1
0
1
32
1024
~1
1
1
0
16
2048
~0.5
1
1
1
8
4096
~0.24
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com