Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS3100A18-3SW Datasheet(PDF) 36 Page - Amphenol Corporation

Part # CS3100A18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100A18-3SW Datasheet(HTML) 36 Page - Amphenol Corporation

Back Button CS3100A18-3SW Datasheet HTML 32Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 33Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 34Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 35Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 36Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 37Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 38Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 39Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 40Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
35
front face of pin insert or rear face of socket insert illustrated
MS/Standard
contact arrangements
Insert Arrangement
32-10
32-12
32-13
32-15
Service Rating
A, F = E; G = B; B, E = D; C, D = A
C, D, E, F, G = A; Bal. = D
D
D
Number of Contacts
2
2
3
5
10
5
18
2
6
Contact Size
4
8 16
12
16
12
16
0
12
Insert Arrangement
32-16
32-17
32-22
36-1
Service Rating
A
D
A
D
Number of Contacts
2
3
2
16
4
54
4
18
Contact Size
4
8
12
16
4
16
12
16
Insert Arrangement
36-3
36-4
36-5
36-6
Service Rating
D
A = D; B, C = A
A
A
Number of Contacts
3
3
3
4
2
4
Contact Size
0
12
0
0
0
4
CONTACT LEGEND
16
12
8
4
0
100° Rotation
of 32-6
A
B
C
D
E
F
G
AB
CD
E
FG
HJ
K
LM
OP
N
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
A
BC
DE
F
G
H
A
B
C
D
AB
C
D
E
F
G
H
J
K
L
M
NO
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
jk
m
n
p
r
t
q
s
u
v
x
y
z
AA
AB
AC
AD
AE
AF
AG
w
AB
C
DE
F
G
H
IJ
K
L
M
N
OP
R
S
T
UV
W
A
B
C
D
E
F
A
B
C
A
B
C
D
A
B
C
D
E
F
100˚
AB
CD
EF
GH
I
J
K
LM
N
O
P
R
S
T
U
V
W
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com