Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS3100A18-3SW Datasheet(PDF) 69 Page - Amphenol Corporation

Part # CS3100A18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100A18-3SW Datasheet(HTML) 69 Page - Amphenol Corporation

Back Button CS3100A18-3SW Datasheet HTML 65Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 66Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 67Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 68Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 69Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 70Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 71Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 72Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 73Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
68
MS/Standard
crimp contacts
Machined from copper alloy and silver-plated for maximum corrosion resistance, with a
minimum millivolt drop and a maximum current carrying capacity, the size 16 and 12
socket contacts are of the closed entry design. Crimp contacts are available for all MS
insert arrangements and are identified with an Amphenol® proprietary number.
* When using wire adapter sleeve shown.
** Contact ratings as stated are test ratings only. The connector could not withstand full
rated current through all contacts continuously. Please note that the electrical data
given is not an establishment of electrical safety factors. This is left entirely in the
designer’s hands as he can best determine which peak voltage, switching surges,
transients, etc. can be expected in a particular circuit.
† The 10SL, 12S, 14S and 16S connectors require short contacts.
MS/STANDARD CRIMP CONTACTS
Part
Number
Pin/
Socket
Mating
End
Size
Wire
Barrel
Size
Allowable
Wire
Size
Required
Wire Adapter
Sleeve
Test
Current**
Amps
10-40553
10-40552 or
10-597109-161
Pin
Socket
16
Short†
16
16
18
20
22*
10-74696-6
13
10
7.5
5
10-40557
10-40556 or
10-597109-171
Pin
Socket
16
Long
16
16
18
20
22*
10-74696-6
13
10
7.5
5
10-40561
10-40560 or
10-597109-131
Pin
Socket
12
12
12
14
23
17
10-40792
10-40793
Pin
Socket
88
8
10*
10-74696-1
46
33
10-40564
10-40565
Pin
Socket
44
4
6*
10-74696-2
80
60
10-40562 or
10-581806
10-40563 or
10-581808
Pin
Socket
00
0
2*
10-74696-7
150
100
* The values listed in Table I represent operating values which include a
generous safety factor. It may be necessary for some applications to
exceed the operating voltages listed here. If this is necessary, designers
will find Table II useful for determining the degree to which the recom-
mended values of Table I can be exceeded.
TABLE I
CONTACT ARRANGEMENT SERVICE RATING
MS
Service
Rating
Recommended
Operating Voltage*
at Sea Level
Effective
Creepage
Distance
Nom.
Mechanical
Spacing
Nom.
DC
AC (RMS)
Inst.
250
200
1/16
A
700
500
1/8
1/16
D
1250
900
3/16
1/8
E
1750
1250
1/4
3/16
B
2450
1750
5/16
1/4
C
4200
3000
1
5/16
TABLE II
ALTITUDE VOLTAGE DERATING** CHART
MS
Service
Rating
Nominal
Distance
Standard Sea
Level Conditions
Pressure Altitude†
50,000 Feet
Pressure Altitude†
70,000 Feet
Airspace
Creepage
Minimum
Flashover
Voltage
AC (RMS)
Test
Voltage
AC (RMS)
Minimum
Flashover
Voltage
AC (RMS)
Test
Voltage
AC (RMS)
Minimum
Flashover
Voltage
AC (RMS)
Test
Voltage
AC (RMS)
Inst.
1/32
1/16
1400
1000
500
400
325
260
A
1/16
1/8
2800
2000
800
600
450
360
D
1/8
3/16
3600
2800
900
675
500
400
E
3/16
1/4
4500
3500
1000
750
550
440
B
1/4
5/16
5700
4500
1100
825
600
480
C
5/16
1
8500
7000
1300
975
700
560
† Not corrected for changes in density due to variations in temperature.
** No attempt has been made to recommend operating voltages. The designer
must determine his own operating voltage by the application of a safety factor to
the above derating chart to compensate for circuit transients, surges, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com