Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C2012 Datasheet(PDF) 28 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 28 Page - TDK Electronics

Back Button C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics C2012 Datasheet HTML 27Page - TDK Electronics C2012 Datasheet HTML 28Page - TDK Electronics C2012 Datasheet HTML 29Page - TDK Electronics C2012 Datasheet HTML 30Page - TDK Electronics C2012 Datasheet HTML 31Page - TDK Electronics C2012 Datasheet HTML 32Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to +125ºC, 0 ± 30 ppm/ºC)
Page 27
MULTILAYER CERAMIC CHIP CAPACITORS
003-02 / 20130710 / mlcc_commercial_general_en
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
6.8 nF
1608
0.80 ± 0.10
± 10%
C1608C0G1H682K080AA
± 5%
C1608C0G1H682J080AA
C1608C0G1E682J080AA
2012
0.60 ± 0.15
± 10%
C2012C0G1H682K060AA
± 5%
C2012C0G1H682J060AA
3216
0.60 ± 0.15
± 10%
C3216C0G1H682K060AA
± 5%
C3216C0G1H682J060AA
8.2 nF
1608
0.80 ± 0.10
± 10%
C1608C0G1H822K080AA
± 5%
C1608C0G1H822J080AA
C1608C0G1E822J080AA
2012
0.60 ± 0.15
± 10%
C2012C0G1H822K060AA
± 5%
C2012C0G1H822J060AA
3216
0.60 ± 0.15
± 10%
C3216C0G1H822K060AA
± 5%
C3216C0G1H822J060AA
10 nF
1608
0.80 ± 0.10
± 10%
C1608C0G1H103K080AA
± 5%
C1608C0G1H103J080AA
C1608C0G1E103J080AA
2012
0.60 ± 0.15
± 10%
C2012C0G1H103K060AA
± 5%
C2012C0G1H103J060AA
C2012C0G1E103J060AA
3216
0.60 ± 0.15
± 10%
C3216C0G1H103K060AA
± 5%
C3216C0G1H103J060AA
15 nF
2012
0.85 ± 0.15
± 10%
C2012C0G1H153K085AA
± 5%
C2012C0G1H153J085AA
C2012C0G1E153J085AA
3216
0.60 ± 0.15
± 10%
C3216C0G1H153K060AA
± 5%
C3216C0G1H153J060AA
22 nF
2012
1.25 ± 0.20
± 10%
C2012C0G1H223K125AA
± 5%
C2012C0G1H223J125AA
C2012C0G1E223J125AA
3216
0.60 ± 0.15
± 10%
C3216C0G1H223K060AA
± 5%
C3216C0G1H223J060AA
3225
1.25 ± 0.20
± 10%
C3225C0G1H223K125AA
± 5%
C3225C0G1H223J125AA
33 nF
2012
1.25 ± 0.20
± 10%
C2012C0G1H333K125AA
± 5%
C2012C0G1H333J125AA
C2012C0G1E333J125AA
3216
0.85 ± 0.15
± 10%
C3216C0G1H333K085AA
± 5%
C3216C0G1H333J085AA
3225
1.60 ± 0.20
± 10%
C3225C0G1H333K160AA
± 5%
C3225C0G1H333J160AA
47 nF
3216
1.15 ± 0.15
± 10%
C3216C0G1H473K115AA
± 5%
C3216C0G1H473J115AA
3225
2.00 ± 0.20
± 10%
C3225C0G1H473K200AA
± 5%
C3225C0G1H473J200AA
4532
1.60 ± 0.20
± 10%
C4532C0G1H473K160KA
± 5%
C4532C0G1H473J160KA
68 nF
3216
1.60 ± 0.20
± 10%
C3216C0G1H683K160AA
± 5%
C3216C0G1H683J160AA
3225
2.00 ± 0.20
± 10%
C3225C0G1H683K200AA
± 5%
C3225C0G1H683J200AA
4532
1.60 ± 0.20
± 10%
C4532C0G1H683K160KA
± 5%
C4532C0G1H683J160KA
100 nF
3216
1.60 ± 0.20
± 10%
C3216C0G1H104K160AA
± 5%
C3216C0G1H104J160AA
3225
2.50 ± 0.30
± 10%
C3225C0G1H104K250AA
± 5%
C3225C0G1H104J250AA
4532
2.00 ± 0.20
± 10%
C4532C0G1H104K200KA
± 5%
C4532C0G1H104J200KA
150 nF
4532
2.50 ± 0.30
± 10%
C4532C0G1H154K250KA
± 5%
C4532C0G1H154J250KA
220 nF
4532
3.20 ± 0.30
± 10%
C4532C0G1H224K320KA
± 5%
C4532C0G1H224J320KA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com