Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C2012 Datasheet(PDF) 35 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 35 Page - TDK Electronics

Back Button C2012 Datasheet HTML 31Page - TDK Electronics C2012 Datasheet HTML 32Page - TDK Electronics C2012 Datasheet HTML 33Page - TDK Electronics C2012 Datasheet HTML 34Page - TDK Electronics C2012 Datasheet HTML 35Page - TDK Electronics C2012 Datasheet HTML 36Page - TDK Electronics C2012 Datasheet HTML 37Page - TDK Electronics C2012 Datasheet HTML 38Page - TDK Electronics C2012 Datasheet HTML 39Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: JB (-25 to +85ºC, ±10%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 35V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
6.8 nF
1005
0.50 ± 0.05
± 10%
C1005JB1H682K050BA
± 20%
C1005JB1H682M050BA
10 nF
1005
0.50 ± 0.05
± 10%
C1005JB1H103K050BB
C1005JB1E103K050BA
± 20%
C1005JB1H103M050BB
C1005JB1E103M050BA
1608
0.80 ± 0.10
± 10%
C1608JB1H103K080AA
± 20%
C1608JB1H103M080AA
15 nF
1005
0.50 ± 0.05
± 10%
C1005JB1H153K050BB
C1005JB1E153K050BA
C1005JB1C153K050BA
± 20%
C1005JB1H153M050BB
C1005JB1E153M050BA
C1005JB1C153M050BA
1608
0.80 ± 0.10
± 10%
C1608JB1H153K080AA
± 20%
C1608JB1H153M080AA
22 nF
0603
0.30 ± 0.03
± 10%
C0603JB1E223K030BB
± 20%
C0603JB1E223M030BB
1005
0.50 ± 0.05
± 10%
C1005JB1H223K050BB
C1005JB1E223K050BA
C1005JB1C223K050BA
± 20%
C1005JB1H223M050BB
C1005JB1E223M050BA
C1005JB1C223M050BA
1608
0.80 ± 0.10
± 10%
C1608JB1H223K080AA
± 20%
C1608JB1H223M080AA
33 nF
1005
0.50 ± 0.05
± 10%
C1005JB1H333K050BB
C1005JB1E333K050BA
C1005JB1C333K050BA
± 20%
C1005JB1H333M050BB
C1005JB1E333M050BA
C1005JB1C333M050BA
1608
0.80 ± 0.10
± 10%
C1608JB1H333K080AA
± 20%
C1608JB1H333M080AA
47 nF
0603
0.30 ± 0.03
± 10%
C0603JB1E473K030BB
± 20%
C0603JB1E473M030BB
1005
0.50 ± 0.05
± 10%
C1005JB1H473K050BB
C1005JB1E473K050BA
C1005JB1C473K050BA
± 20%
C1005JB1H473M050BB
C1005JB1E473M050BA
C1005JB1C473M050BA
1608
0.80 ± 0.10
± 10%
C1608JB1H473K080AA
± 20%
C1608JB1H473M080AA
68 nF
1005
0.50 ± 0.05
± 10%
C1005JB1H683K050BB
C1005JB1V683K050BB
C1005JB1E683K050BC
C1005JB1C683K050BA
± 20%
C1005JB1H683M050BB
C1005JB1V683M050BB
C1005JB1E683M050BC
C1005JB1C683M050BA
1608
0.80 ± 0.10
± 10%
C1608JB1H683K080AA
± 20%
C1608JB1H683M080AA
100 nF
0603
0.30 ± 0.03
± 10%
C0603JB1E104K030BB
C0603JB1C104K030BC
± 20%
C0603JB1E104M030BB
C0603JB1C104M030BC
1005
0.50 ± 0.05
± 10%
C1005JB1H104K050BB
C1005JB1V104K050BB
C1005JB1E104K050BC
C1005JB1C104K050BA
± 20%
C1005JB1H104M050BB
C1005JB1V104M050BB
C1005JB1E104M050BC
C1005JB1C104M050BA
1608
0.80 ± 0.10
± 10%
C1608JB1H104K080AA
± 20%
C1608JB1H104M080AA
2012
0.85 ± 0.15
± 10%
C2012JB1H104K085AA
± 20%
C2012JB1H104M085AA
150 nF
0603
0.30 ± 0.03
± 10%
C0603JB1E154K030BC
C0603JB1C154K030BC
± 20%
C0603JB1E154M030BC
C0603JB1C154M030BC
1005
0.50 ± 0.05
± 10%
C1005JB1C154K050BB
± 20%
C1005JB1E154M050BC
C1005JB1C154M050BB
1608
0.80 ± 0.10
± 10%
C1608JB1H154K080AB
C1608JB1V154K080AB
C1608JB1E154K080AA
± 20%
C1608JB1H154M080AB
C1608JB1V154M080AB
C1608JB1E154M080AA
2012
0.85 ± 0.15
± 10%
C2012JB1H154K085AA
± 20%
C2012JB1H154M085AA
220 nF
0603
0.30 ± 0.03
± 10%
C0603JB1E224K030BC
C0603JB1C224K030BC
± 20%
C0603JB1E224M030BC
C0603JB1C224M030BC
1005
0.50 ± 0.05
± 10%
C1005JB1E224K050BC
C1005JB1C224K050BB
± 20%
C1005JB1E224M050BC
C1005JB1C224M050BB
1608
0.80 ± 0.10
± 10%
C1608JB1H224K080AB
C1608JB1V224K080AB
C1608JB1E224K080AA
± 20%
C1608JB1H224M080AB
C1608JB1V224M080AB
C1608JB1E224M080AA
2012
1.25 ± 0.20
± 10%
C2012JB1H224K125AA
± 20%
C2012JB1H224M125AA
330 nF
1005
0.50 ± 0.05
± 10%
C1005JB1V334K050BC
C1005JB1E334K050BB
C1005JB1C334K050BC
± 20%
C1005JB1V334M050BC
C1005JB1E334M050BB
C1005JB1C334M050BC
1608
0.80 ± 0.10
± 10%
C1608JB1H334K080AB
C1608JB1V334K080AB
C1608JB1E334K080AC
C1608JB1C334K080AA
± 20%
C1608JB1H334M080AB
C1608JB1V334M080AB
C1608JB1E334M080AC
C1608JB1C334M080AA
2012
1.25 ± 0.20
± 10%
C2012JB1H334K125AA
± 20%
C2012JB1H334M125AA
Page 34
MULTILAYER CERAMIC CHIP CAPACITORS
003-02 / 20130710 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com