Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24AA512E/SM Datasheet(PDF) 29 Page - Microchip Technology

Part # 24AA512E/SM
Description  512K I2C Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA512E/SM Datasheet(HTML) 29 Page - Microchip Technology

Back Button 24AA512E/SM Datasheet HTML 25Page - Microchip Technology 24AA512E/SM Datasheet HTML 26Page - Microchip Technology 24AA512E/SM Datasheet HTML 27Page - Microchip Technology 24AA512E/SM Datasheet HTML 28Page - Microchip Technology 24AA512E/SM Datasheet HTML 29Page - Microchip Technology 24AA512E/SM Datasheet HTML 30Page - Microchip Technology 24AA512E/SM Datasheet HTML 31Page - Microchip Technology 24AA512E/SM Datasheet HTML 32Page - Microchip Technology 24AA512E/SM Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
 2010 Microchip Technology Inc.
DS21754M-page 29
24AA512/24LC512/24FC512
APPENDIX A: REVISION HISTORY
Revision D
Correction to Section 1.0, Electrical Characteristics.
Revision E
Correction to Section 1.0., Ambient Temperature
Correction to Section 6.2, Page Write
Revision F
Add E3 (Pb-free) to marking examples.
Updated Marking Legend and On-line Support.
Revision G
Revised Sections 2.1, 2.4 and 6.3.
Revision H
Revised Features section; Revised 1.8V voltage to
1.7V; Replaced Package Drawings; Revised Product
ID System; Removed 14 Lead TSSOP.
Revision J
Revised Table 1-2, AC Characteristics; Updated
Packaging.
Revision K (06/2009)
Removed CMOS from title; Revised Table 1-2, Para.
18; Added SOIC and TSSOP packaging; Updated Pin
Descriptions; Updated Product ID.
Revision L (12/2009)
Added note to Section 6.1.
Revision M (03/2010)
Added 8-Lead Chip Scale package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com