Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24AA512E/SM Datasheet(PDF) 15 Page - Microchip Technology

Part # 24AA512E/SM
Description  512K I2C Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA512E/SM Datasheet(HTML) 15 Page - Microchip Technology

Back Button 24AA512E/SM Datasheet HTML 11Page - Microchip Technology 24AA512E/SM Datasheet HTML 12Page - Microchip Technology 24AA512E/SM Datasheet HTML 13Page - Microchip Technology 24AA512E/SM Datasheet HTML 14Page - Microchip Technology 24AA512E/SM Datasheet HTML 15Page - Microchip Technology 24AA512E/SM Datasheet HTML 16Page - Microchip Technology 24AA512E/SM Datasheet HTML 17Page - Microchip Technology 24AA512E/SM Datasheet HTML 18Page - Microchip Technology 24AA512E/SM Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
 2010 Microchip Technology Inc.
DS21754M-page 15
24AA512/24LC512/24FC512
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
XXXXXXXX
T/XXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIJ (5.28 mm)
Example:
24LC512
0510017
I/SM
24AA512
I/P
017
0510
XXXXXXXX
YYWWNNN
T/XXXXXX
8-Lead DFN-S
Example
:
XXXXXXX
T/XXXXX
YYWW
24LC512
I/MF
0510
017
NNN
*Standard device marking consists of Microchip part number, year code, week code, and traceability code. For
device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
Legend: XX...X
Customer-specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
T
Temperature
Blank
Commercial
I
Industrial
E
Extended
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com